Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2521 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 2521
Description  VARIOFACE Professional for system cabling applications
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2521 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  2521 Datasheet HTML 1Page - PHOENIX CONTACT 2521 Datasheet HTML 2Page - PHOENIX CONTACT 2521 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
VIP-2/SC/…FLK…
2521_en_D
PHOENIX CONTACT
2
3Ordering data
4
Technical data
Products
Description
Type
Order No.
Pcs. / Pkt.
VARIOFACE Professional module for 8 channels, 14 position
VIP-2/SC/FLK14/PLC
2315214
1
VARIOFACE Professional module for 32 channels, 50 position
VIP-2/SC/FLK50/PLC
2315227
1
VARIOFACE Professional module for SIMATIC S7-300, 8 channels,
two 14-position connectors
VIP-2/SC/2FLK14(1-20)/S7
2315230
1
VARIOFACE Professional module for SIMATIC S7-300, 32 channels,
50 position
VIP-2/SC/FLK50(1-40)/S7
2315243
1
General data
Ambient temperature range (operating)
-20 to 50°C
Ambient temperature range (storage/transport)
-20 to 70°C
Humidity, permissible
95% non-condensing
Altitude, maximum
2000 m
Intended use
Indoors
Pollution degree
2
Mounting
NS 35 (EN 50022), any orientation
Surge voltage category
II
Electrical data
Operating voltage, U
N (IEC)
60 V AC/DC
Operating voltage, U
N (CSA, UL)
125 V AC/DC
Permissible current, maximum per pin
1 A
Connection data
Connection type
Screw
Stripping length
8 mm
Distribution connection data (solid/stranded/AWG)
0.2-4.0 mm²/0.2-2.5 mm²/24-12 AWG
Screw thread
M3
Tightening torque
0.5-0.6 Nm
Conformance/Approvals
Air creepage distances
IEC 60664, DIN EN 50178, IEC 62103
UL/
CUL
UL 508 (E238705)
CSA
61010-01: 04
Dimensions
Width
Depth
Height
VIP-2/SC/FLK14/PLC
39.8
56.0
65.5
VIP-2/SC/FLK50/PLC
106.1
56.0
65.5
VIP-2/SC/2FLK14(1-20)/S7
80.6
56.0
65.5
VIP-2/SC/FLK50(1-40)/S7
106.1
56.0
65.5



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com