Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSK4227S Datasheet(PDF) 2 Page - M.S. Kennedy Corporation

Part # MSK4227S
Description  200 VOLT 20 AMP MOSFET H-BRIDGE WITH GATE DRIVE GATE DRIVE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK4227S Datasheet(HTML) 2 Page - M.S. Kennedy Corporation

  MSK4227S Datasheet HTML 1Page - M.S. Kennedy Corporation MSK4227S Datasheet HTML 2Page - M.S. Kennedy Corporation MSK4227S Datasheet HTML 3Page - M.S. Kennedy Corporation MSK4227S Datasheet HTML 4Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Each MOSFET ID=20A
Each MOSFET ID=20A
3
Each MOSFET IS=20A Intrinsic Diode
3
Intrinsic Diode
Each MOSFET V+=200V
RL=100
Ω
OUTPUT CHARACTERISTICS
RDS (ON) 1 4
VDS(ON) Voltage
Instantaneous Forward Voltage
Reverse Recovery Time
1
Leakage Current
+Vcc
SUPPLY CHARACTERISTICS
Quiescent Bias Current
Vcc Voltage Range 1
+VB
SUPPLY CHARACTERISTICS
Quiescent Bias Current
Bias Current @ 20KHz
+VB Voltage Range
LOGIC CONTROL INPUTS, HINA, LINA, HINB, LINB
1
Input Voltage LO
Input Voltage HI
Input Current (VIN=5V)
SWITCHING CHARACTERISTICS
1
Rise Time
Fall Time
Dead Time
V+
VCC
IOUT
IPK
θJC
ABSOLUTE MAXIMUM RATINGS
Parameter
ELECTRICAL SPECIFICATIONS
Units
Ω
V
V
nS
µA
mA
V
µA
mA
V
V
V
µA
nS
nS
µS
Max.
0.09
1.8
1.2
330
250
3.2
18
300
6
18
0.8
-
20
-
-
-
MSK 4227
Typ.
-
1.2
1.02
-
3.0
0.9
15
100
4
15
-
-
-
90
100
1
Min.
-
-
-
-
-
-
7.4
-
-
9.8
-
2.7
-
-
-
-
Test Conditions
2
2
TST
TLD
TC
TJ
NOTES:
1
Guaranteed by design but not tested. Typical parameters are representative of actual device performance but are for reference only.
2
+Vcc=+15V, +VB=+15V, V+=100V, AV-, BV- = Ground unless otherwise specified.
3
Measured using a 300µS pulse with a 2% Duty Cycle.
4
On Resistance is specified for the Internal MOSFET for Thermal Calculations. It does not include the package pin resistance.
Tc= +25°C Unless Otherwise Specified
Rev. B
11/04
High Voltage Supply
Logic Supply
Continuous Output Current
Peak Output Current
Thermal Resistance
(Output Switches @ 125°C)
200V
18V
20A
44A
2.3°C/W
Storage Temperature Range
Lead Temperature Range
(10 Seconds)
Case Operating Temperature
MSK4227
Junction Temperature
-55°C to +125°C
300°C
-40°C to +85°C
+150°C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com