Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8795AS Datasheet(PDF) 8 Page - Exar Corporation

Part # MP8795AS
Description  CMOS 1.5 MSPS VERY LOW POWER 10-BIT ANALOG-TO-DIGITAL CONVERTER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

MP8795AS Datasheet(HTML) 8 Page - Exar Corporation

Back Button MP8795AS Datasheet HTML 4Page - Exar Corporation MP8795AS Datasheet HTML 5Page - Exar Corporation MP8795AS Datasheet HTML 6Page - Exar Corporation MP8795AS Datasheet HTML 7Page - Exar Corporation MP8795AS Datasheet HTML 8Page - Exar Corporation MP8795AS Datasheet HTML 9Page - Exar Corporation MP8795AS Datasheet HTML 10Page - Exar Corporation MP8795AS Datasheet HTML 11Page - Exar Corporation MP8795AS Datasheet HTML 12Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
03

5HY 
'LJLWDO ,QWHUIDFHV
7KH ORJLF HQFRGHV WKH RXWSXWV RI WKH FRPSDUDWRUV LQWR D EL
QDU\ FRGH DQG ODWFKHV WKH GDWD LQ D 'W\SH IOLSIORS IRU RXWSXW
7KH LQSXW 2( FRQWUROV WKH RXWSXW EXIIHUV LQ DQ DV\QFKURQRXV
PRGH
2(
2):
'% ï '%

9DOLG
+LJK =

9DOLG
9DOLG
7DEOH  2XWSXW (QDEOH /RJLF
)LJXUH  2XWSXW (QDEOH'LVDEOH 7LPLQJ 'LDJUDP
2(
'$7$
'$7$
2YHUIORZ 6WDWH
'%'%
2):
9,+
9,/
W'(1
W'+=
)LJXUH  3UHIHUUHG 2XWSXW &RQWURO
2(
&ORFN
'%'%
'$7$
'$7$
)LJXUH  VKRZV WKH SUHIHUUHG RXWSXW FRQWURO ZKHUH 2( DQG
FORFN DUH RSSRVLWH SKDVH 7KLV SURYLGHV D TXLHW WLPH DW WKH HQG
RI WKH $,1 VDPSOH SKDVH
7KH IXQFWLRQDO HTXLYDOHQW RI WKH 03 )LJXUH  LV FRP
SRVHG RI
 'HOD\ VWDJH W$3 IURP WKH FORFN WR WKH VDPSOLQJ SKDVH
16 
 $Q LGHDO DQDORJ VZLWFK ZKLFK VDPSOHV 9,1
 $Q LGHDO $' ZKLFK WUDFNV DQG FRQYHUWV 9,1 ZLWK QR
GHOD\
 $ VHULHV RI WZR '))·V ZLWK VSHFLILHG KROG W+/' DQG
GHOD\ W'/ WLPHV
W$3W+/' DQG W'/ DUH VSHFLILHG LQ WKH (OHFWULFDO &KDUDFWHULVWLFV
WDEOH
)LJXUH  03 )XQFWLRQDO (TXLYDOHQW
&LUFXLW DQG ,QWHUIDFH 7LPLQJ
1
9,1
6
$'
03
&/.
'%'%
1
1
1
1
W'/
W+/'
'4
'4
'%'%
&/.
9,1
W$3
3RZHU 'RZQ
)LJXUH  VKRZV WKH UHODWLRQVKLS EHWZHHQ WKH FORFN VDPSOHG
$,1 WR RXWSXW GDWD UHODWLRQVKLS DQG WKH HIIHFW RI SRZHU GRZQ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com