Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN2299BBCZ Datasheet(PDF) 21 Page - Analog Devices

Part # ADIN2299BBCZ
Description  RapID Platform Generation 2 (RPG2) Network Interface
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN2299BBCZ Datasheet(HTML) 21 Page - Analog Devices

Back Button ADIN2299BBCZ Datasheet HTML 13Page - Analog Devices ADIN2299BBCZ Datasheet HTML 14Page - Analog Devices ADIN2299BBCZ Datasheet HTML 15Page - Analog Devices ADIN2299BBCZ Datasheet HTML 16Page - Analog Devices ADIN2299BBCZ Datasheet HTML 17Page - Analog Devices ADIN2299BBCZ Datasheet HTML 18Page - Analog Devices ADIN2299BBCZ Datasheet HTML 19Page - Analog Devices ADIN2299BBCZ Datasheet HTML 20Page - Analog Devices ADIN2299BBCZ Datasheet HTML 21Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 21 page
background image
Data Sheet
ADIN2299
OUTLINE DIMENSIONS
©202
2 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
One Analog Way, Wilmington, MA 01887-2356, U.S.A.
Rev. 0 | 21 of 21
Figure 17. 194-Ball Chip Scale Package Ball Grid Array [CSP_BGA]
(BC-194-1)
Dimensions Shown in Millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
ADIN2299BBCZ
–40°C to +85°C
194-Ball Chip-Scale Package, Ball Grid Array [CSP_BGA]
BC-194-1
ADIN2299BBCZ-RL
–40°C to +85°C
194-Ball Chip-Scale Package, Ball Grid Array [CSP_BGA]
BC-194-1
1 Z = RoHS Compliant Part.
EVALUATION BOARDS
Model1
Package Description
EV-RPG2-ENZ
Evaluation Board for EtherNet/IP
EV-RPG2-ECZ
Evaluation Board for EtherCAT
EV-RPG2-PNZ
Evaluation Board for PROFINET
1 Z = RoHS Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com