Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADA4097-2EBZ Datasheet(PDF) 30 Page - Analog Devices

Part # EVAL-ADA4097-2EBZ
Description  50 V, 130 kHz, 32.5 關A per Channel, Robust, Over-The-Top, Precision Op Amps
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADA4097-2EBZ Datasheet(HTML) 30 Page - Analog Devices

Back Button EVAL-ADA4097-2EBZ Datasheet HTML 23Page - Analog Devices EVAL-ADA4097-2EBZ Datasheet HTML 24Page - Analog Devices EVAL-ADA4097-2EBZ Datasheet HTML 25Page - Analog Devices EVAL-ADA4097-2EBZ Datasheet HTML 26Page - Analog Devices EVAL-ADA4097-2EBZ Datasheet HTML 27Page - Analog Devices EVAL-ADA4097-2EBZ Datasheet HTML 28Page - Analog Devices EVAL-ADA4097-2EBZ Datasheet HTML 29Page - Analog Devices EVAL-ADA4097-2EBZ Datasheet HTML 30Page - Analog Devices EVAL-ADA4097-2EBZ Datasheet HTML 31Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 30 / 31 page
background image
Data Sheet
ADA4097-1/ADA4097-2
OUTLINE DIMENSIONS
analog.com
Rev. A | 30 of 31
Figure 76. 8-Lead Mini Small Outline Package [MSOP]
(RM-8)
Dimensions shown in millimeters
Figure 77. 10-Lead Lead Frame Chip Scale Package [LFCSP]
3 mm × 3 mm Body and 0.75 mm Package Height
(05-08-1699)
Dimensions shown in millimeters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com