Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL8142ACPZN-R7 Datasheet(PDF) 20 Page - Analog Devices

Part # ADL8142ACPZN-R7
Description  GaAs, pHEMT, MMIC, Low Noise Amplifier, 23 GHz to 31 GHz
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL8142ACPZN-R7 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADL8142ACPZN-R7 Datasheet HTML 12Page - Analog Devices ADL8142ACPZN-R7 Datasheet HTML 13Page - Analog Devices ADL8142ACPZN-R7 Datasheet HTML 14Page - Analog Devices ADL8142ACPZN-R7 Datasheet HTML 15Page - Analog Devices ADL8142ACPZN-R7 Datasheet HTML 16Page - Analog Devices ADL8142ACPZN-R7 Datasheet HTML 17Page - Analog Devices ADL8142ACPZN-R7 Datasheet HTML 18Page - Analog Devices ADL8142ACPZN-R7 Datasheet HTML 19Page - Analog Devices ADL8142ACPZN-R7 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
Data Sheet
ADL8142
OUTLINE DIMENSIONS
©2022 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
One Analog Way, Wilmington, MA 01887-2356, U.S.A.
Rev. 0 | 20 of 20
Figure 68. 8-Lead Lead Frame Chip Scale Package [LFCSP]
2 mm × 2 mm Body and 0.85 mm Package Height
(CP-8-30)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Packing Quantity
Package Option
ADL8142ACPZN
−40°C to +85°C
8-lead LFCSP, 2 mm × 2 mm × 0.85
Reel, 500
CP-8-30
ADL8142ACPZN-R7
−40°C to +85°C
8-lead LFCSP, 2 mm × 2 mm × 0.85
Reel, 3000
CP-8-30
1 Z = RoHS Compliant Part.
EVALUATION BOARDS
Model1
Description
ADL8142-EVALZ
Evaluation Board
1 Z = RoHS-Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com