Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPA7008AEHZ Datasheet(PDF) 13 Page - Analog Devices

Part # ADPA7008AEHZ
Description  20 GHz to 54 GHz, GaAs, pHEMT, MMIC, 31 dBm (1 W) Power Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA7008AEHZ Datasheet(HTML) 13 Page - Analog Devices

Back Button ADPA7008AEHZ Datasheet HTML 9Page - Analog Devices ADPA7008AEHZ Datasheet HTML 10Page - Analog Devices ADPA7008AEHZ Datasheet HTML 11Page - Analog Devices ADPA7008AEHZ Datasheet HTML 12Page - Analog Devices ADPA7008AEHZ Datasheet HTML 13Page - Analog Devices ADPA7008AEHZ Datasheet HTML 14Page - Analog Devices ADPA7008AEHZ Datasheet HTML 15Page - Analog Devices ADPA7008AEHZ Datasheet HTML 16Page - Analog Devices ADPA7008AEHZ Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
Data Sheet
ADPA7008
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. 0 | 13 of 28
44
20
22
32
38
42
24
28
36
30
26
34
40
18
56
48
42
38
34
30
26
22
20
52
44
50
54
46
40
36
32
28
24
FREQUENCY (GHz)
1300mA
1500mA
1700mA
Figure 46. Output IP3 vs. Frequency for Various Supply Currents,
POUT per Tone, VDD = 5 V, IDQ = 1500 mA
60
20
30
45
55
40
25
35
50
22GHz
26GHz
30GHz
36GHz
40GHz
44GHz
50GHz
54GHz
10
20
18
16
14
12
11
19
17
15
13
POUT PER TONE (dBm)
Figure 47. Third-Order Intermodulation Distortion (IM3) vs. POUT per Tone for
Various Frequencies, VDD = 5 V, IDQ = 1500 mA
Figure 48. Detector Voltage (VREF − VDET) vs. Output Power
for Various Frequencies
60
15
20
30
45
55
40
25
35
50
22GHz
26GHz
30GHz
36GHz
40GHz
44GHz
50GHz
54GHz
10
20
18
16
14
12
11
19
17
15
13
POUT PER TONE (dBm)
Figure 49. IM3 vs. POUT per Tone for Various Frequencies, VDD = 4 V,
IDQ = 1500 mA
Figure 50. IDQ vs. Gate Voltage for Various Temperatures, VDD = 5 V
Figure 51. Detector Voltage (VREF − VDET) vs. Output Power for Various
Temperatures at 36 GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com