Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

63819-1000 Datasheet(PDF) 5 Page - Molex Electronics Ltd.

Part # 63819-1000
Description  Hand Crimp Tool For Mini-Fit??Jr. Crimp Terminals
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

63819-1000 Datasheet(HTML) 5 Page - Molex Electronics Ltd.

  63819-1000 Datasheet HTML 1Page - Molex Electronics Ltd. 63819-1000 Datasheet HTML 2Page - Molex Electronics Ltd. 63819-1000 Datasheet HTML 3Page - Molex Electronics Ltd. 63819-1000 Datasheet HTML 4Page - Molex Electronics Ltd. 63819-1000 Datasheet HTML 5Page - Molex Electronics Ltd. 63819-1000 Datasheet HTML 6Page - Molex Electronics Ltd. 63819-1000 Datasheet HTML 7Page - Molex Electronics Ltd. 63819-1000 Datasheet HTML 8Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Hand Crimp Tool For Mini-Fit™ Jr. Crimp Terminals
Doc No: ATS-638191000
Release Date: 12-07-07
UNCONTROLLED COPY
Page 5 of 8
Revision: D
Revision Date: 09-16-14
Figure 8
PUSH ON
HANDLE
JAWS OPEN
PULL OPEN
TOOLING
TOOLING
M3 BHCS
MATCH
UP MARKS
FRONT
BACK
Figure 9
3.
4. Lift and pull away from the hand tool. The top locator hooks should slip out of the top slots easily. See Figure
7A.
5. To reinstall the new locator, make sure the
hand tool is in the open position.
6. Press the red insert down as far as it will
go as shown in Figure 7B.
7. Holding onto the lower part of the locator
with your thumb and index finger, insert the
locators top hooks (2) into the hand tool top
slots.
8. Rotate the locator down and press the
lower tabs into the two bottom slots of the
hand tool. To secure the locator into place,
the lower tabs must snap into place on the
hand tool frame.
Right or Left Hand Operation
This hand tool has an added feature that can
be converted from a right handed application to
a left handed application. It is necessary to
reverse the tooling if using the left handed
application along with the locator. Follow the steps below:
1. The locator must be removed before reversing the tooling.
2. Remove the M3 BHCS which is holding the upper tooling.
3. Flip the upper tooling to the opposite side and replace the M3 BHCS. Make sure the small markings on the
front and back of the hand tool frame, match up and are on the outside of the hand tool frame. See Figure 8
and 9.
4. Do the same thing with the lower tooling and tighten the M3 screws. Be sure the small markings line up.
5. Reinstall the locator by following the Instructions in the locator replacement section.
MAKE SURE
CENTER OF LOCATOR
IS IN THE
DOWN POSITION
Figure 7B
SQUEEZE
HERE
SQUEEZE
HERE
LOCATOR
Figure 7A
TOP HOOKS
TOP SLOTS OF
HANDTOOL
LOWER TABS



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com