Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSG601 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # TSG601
Description  TSG 601 Serial Component Generator, SDA 601 Serial Digital Analyzer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

TSG601 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  TSG601 Datasheet HTML 1Page - List of Unclassifed Manufacturers TSG601 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Copyright © 1996, Tektronix, Inc. All rights reserved.
A comprehensive serial component
test set:
The TSG 601 Serial Component
Generator and the SDA 601
Serial Digital Analyzer form a
comprehensive test set for serial
component television system
installation and maintenance.
Each convenient, handheld
instrument complements the
other for stress testing the televi-
sion system data path.
The TSG 601 Serial Component
Generator provides Serial Digital
Interface (SDI) check field test
signals that stress receiver clock
recovery and phase lock loop
circuitry. Data signal launch
amplitude may be varied over
the SMPTE specification range
to check equalizer performance,
and a built in 50 meter cable
TSG 601
Serial Component Generator
SDA 601
Serial Digital Analyzer
simulator may be used to
quickly check available signal
strength margin.
In addition to a full complement
of system test signals, the
TSG 601 includes signals to test
DAC performance and the accu-
racy of subsequent encoding into
the PAL or NTSC domain.
Embedded AES/EBU audio may
be added to the TSG 601 output.
Any of four audio groups may be
embedded into the 270 Mb/s data
stream, and two or four channels
of the group enabled. Separate
frequency and amplitude may be
assigned to each channel.
The SDA 601 Serial Digital
Analyzer provides analysis of
the incoming digital television
signal with the push of a button,
quickly identifying data errors
and indicating the presence and
status of SMPTE RP165 and
other ancillary (ANC) data signals.
The results may be displayed on
the built-in LCD screen, on a
picture monitor, or transferred
directly to a printer or PC for
further analysis. The SDA 601
may be operated in a watch
mode, reporting errors as
they occur.
The SDA 601 also provides a suite
of individual checks, including
strength of the incoming data
signal, data and video format
type, and position and validity
of data timing signals.
Both the TSG 601 and SDA 601
comply with industry standards
for serial component television
data transmission. They may be
used as a set for data path testing
or individually to check perfor-
mance and compliance of digital
source and receiving equipment.
TSG 601 specific features:
The TSG 601 generator provides
16 user-selected test signals:
• 75% and 100% color bars
• Pluge, BBC versions 1 and 2
• 5 step and valid modulated
staircase
• Limit and shallow ramps
• Convergence and active
picture markers
• PLL SDI checkfield
• Equalizer SDI checkfield
• SDI checkfield matrix
• Valid modulated pulse and bar
• 60% line sweep with markers
at .5, 1, 3, 4, and 5 MHz
• 500 kHz reduced amplitude
bowtie
• CE Marking


Similar Part No. - TSG601

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSG60N100 TSC-TSG60N100 Datasheet
431Kb / 9P
N-Channel IGBT with FRD.
TSG60N100CE TSC-TSG60N100CE Datasheet
431Kb / 9P
N-Channel IGBT with FRD
TSG60N100CEC0 TSC-TSG60N100CEC0 Datasheet
431Kb / 9P
N-Channel IGBT with FRD
More results

Similar Description - TSG601

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
BS-601 DBLECTRO-BS-601 Datasheet
72Kb / 1P
BS-601
logo
Faraday Technology
LT601F0575 FARADAY-LT601F0575 Datasheet
116Kb / 3P
CCIR REC.601 FILTERS
601F0767 FARADAY-601F0767 Datasheet
44Kb / 2P
601 FILTERS
FL594 FARADAY-FL594 Datasheet
65Kb / 2P
PRACTICAL 601 FILTERS
L601F0575 FARADAY-L601F0575 Datasheet
115Kb / 2P
CCIR REC.601 FILTERS
ULF FARADAY-ULF Datasheet
51Kb / 3P
CCIR REC.601 FILTERS
logo
Varitronix internationa...
VI-601 VARITRONIX-VI-601 Datasheet
29Kb / 1P
VI-601
logo
List of Unclassifed Man...
DSA8300 ETC2-DSA8300 Datasheet
1,017Kb / 26P
Digital Serial Analyzer Sampling Oscilloscope
logo
Analog Devices
ADV7178 AD-ADV7178_15 Datasheet
697Kb / 44P
Integrated Digital CCIR-601 to PAL/NTSC Video Encoder
REV. C
logo
TEKTRONIX, INC.
DSA8300 TEKTRONIX-DSA8300 Datasheet
454Kb / 16P
Digital Serial Analyzer Sampling Oscilloscope
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com