Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSK4304ED Datasheet(PDF) 6 Page - M.S. Kennedy Corporation

Part # MSK4304ED
Description  10 AMP, 75 VOLT MOSFET SMART POWER 3-PHASE MOTOR DRIVE HYBRID
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK4304ED Datasheet(HTML) 6 Page - M.S. Kennedy Corporation

  MSK4304ED Datasheet HTML 1Page - M.S. Kennedy Corporation MSK4304ED Datasheet HTML 2Page - M.S. Kennedy Corporation MSK4304ED Datasheet HTML 3Page - M.S. Kennedy Corporation MSK4304ED Datasheet HTML 4Page - M.S. Kennedy Corporation MSK4304ED Datasheet HTML 5Page - M.S. Kennedy Corporation MSK4304ED Datasheet HTML 6Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6
The information contained herein is believed to be accurate at the time of printing. MSK reserves the right to make
changes to its products or specifications without notice, however and assumes no liability for the use of its products.
Please visit our website for the most recent version of this datasheet.
ORDERING INFORMATION
MECHANICAL SPECIFICATIONS
MSK4303 H U
LEAD CONFIGURATIONS
S=STRAIGHT;
U=BENT UP; D=BENT DOWN
SCREENING
BLANK=INDUSTRIAL; H=MIL-PRF-38534 CLASS H;
E=EXTENDED RELIABILITY
GENERAL PART NUMBER
All dimensions are ±0.01 inches unless otherwise specified.
ESD Triangle Indicates Pin 1
M.S. Kennedy Corp.
4707 Dey Road, Liverpool, New York 13088
Phone (315) 701-6751
FAX (315) 701-6752
www.mskennedy.com
Contains Internal BeO (Beryllium Oxide)
Weight=42 Grams Typical
Rev. B
11/05



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com