Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UC2844AD1 Datasheet(PDF) 5 Page - STMicroelectronics

Part # UC2844AD1
Description  HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UC2844AD1 Datasheet(HTML) 5 Page - STMicroelectronics

  UC2844AD1 Datasheet HTML 1Page - STMicroelectronics UC2844AD1 Datasheet HTML 2Page - STMicroelectronics UC2844AD1 Datasheet HTML 3Page - STMicroelectronics UC2844AD1 Datasheet HTML 4Page - STMicroelectronics UC2844AD1 Datasheet HTML 5Page - STMicroelectronics UC2844AD1 Datasheet HTML 6Page - STMicroelectronics UC2844AD1 Datasheet HTML 7Page - STMicroelectronics UC2844AD1 Datasheet HTML 8Page - STMicroelectronics UC2844AD1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5/16
UC384XA - UC284XA
Figure 4. Open Loop Test Circuit.
High peak currents associated with capacitive loads necessitate careful grounding techniques. Timing and
bypass capacitors should be connected close to pin 5 in a single point ground. The transistor and 5 K
Ω
potentiometer are used to sample the oscillator waveform and apply an adjustable ramp to pin 3.
RT
A
2N2222
4.7K
Ω
1K
Ω
ERROR AMP.
ADJUST
4.7K
Ω
5K
Ω
ISENSE
ADJUST
100K
Ω
COMP
VFB
ISENSE
RT/CT
1
2
3
4
CT
7
6
5
8
VREF
Vi
OUTPUT
GROUND
0.1
µF
0.1
µF
VREF
Vi
OUTPUT
GROUND
1W
1K
Ω
D95IN343
Figure 5. Oscillator Frequency vs Timing
Resistance
Figure 6. Maximum Duty Cycle vs Timing
Resistor
Figure 7. Oscillator Discharge Current vs.
Temperature.
Figure 8. Error Amp Open-Loop Gain and
Phase vs. Frequency.
300
1K
3K
10K
30K
RT(Ω)
1K
10K
100K
1M
fo
(Hz)
D96IN362
CT=470pF
1nF
2.2nF
4.7nF
300
1K
3K
10K
30K
RT(Ω)
0
20
40
60
fo
(Hz)
D96IN363
80
-55
-25
0
25
50
75
100 TA(˚C)
7.0
7.5
8.0
8.5
Idischg
(mA)
D95IN335
Vi=15V
VOSC=2V
10
100
1K
10K
100K
1M
f(Hz)
-20
0
20
40
60
80
(dB)
180
150
120
90
60
30
φ
D95IN337
Vi=15V
VO=2V to 4V
RL=100K
TA=25˚C
Gain
Phase



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com