Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPRSS080 Datasheet(PDF) 3 Page - Schneider Electric

Part # TPRSS080
Description  Direct online SIL starter, TeSys island, 80A AC-1, 66A AC-3, 37kW / 40hp
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

TPRSS080 Datasheet(HTML) 3 Page - Schneider Electric

  TPRSS080 Datasheet HTML 1Page - Schneider Electric TPRSS080 Datasheet HTML 2Page - Schneider Electric TPRSS080 Datasheet HTML 3Page - Schneider Electric TPRSS080 Datasheet HTML 4Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Product certifications
CSA
CCC
UL
EAC
Mounting mode
Horizontal and vertical 35 mm symmetrical DIN rail)
Connections - terminals
EverLink BTR screw connectors 1 0.00…0.05 in² (1…35 mm²) AWG 16...AWG 2)rigid
EverLink BTR screw connectors 2 0.00…0.04 in² (1…25 mm²) AWG 16...AWG 4)rigid
EverLink BTR screw connectors 1 0.00…0.05 in² (1…35 mm²) AWG 16...AWG 2)flexible without cable
end
EverLink BTR screw connectors 2 0.00…0.04 in² (1…25 mm²) AWG 16...AWG 4)flexible without cable
end
EverLink BTR screw connectors 1 0.00…0.05 in² (1…35 mm²) AWG 16...AWG 2)flexible with cable end
EverLink BTR screw connectors 2 0.00…0.04 in² (1…25 mm²) AWG 16...AWG 4)flexible with cable end
Tightening torque
44.25 lbf.in (5 N.m) 0.00…0.04 in² (1…25 mm²) hexagonal 0.16 in (4 mm)
70.81 lbf.in (8 N.m) 0.04…0.05 in² (25…35 mm²) hexagonal 0.16 in (4 mm)
Width
2.17 in (55 mm)
Height
6.57 in (167 mm)
Depth
4.92 in (125 mm)
Net Weight
2.75 lb(US) (1.248 kg)
Environment
Ambient air temperature for
storage
-13…158 °F (-25…70 °C)
Ambient air temperature for
operation
14…122 °F (-10…50 °C) without derating
122…140 °F (50…60 °C) with current derating
Relative Humidity
5…95 %
Operating altitude
0...6561.68 ft (0...2000 m) without derating
IP degree of protection
IP20
Pollution degree
2
Protective treatment
TC
Fire resistance
1760 °F (960 °C) UL 94
1562 °F (850 °C) IEC 60695-2-1
1202 °F (650 °C) IEC 60695-2-12
Shock resistance
15 gn 11 ms) IEC 60068-2-27
Vibration resistance
1.5 mm peak to peak 3…13 Hz) IEC 60068-2-6
1 gn 13…200 Hz) IEC 60068-2-6
Electromagnetic compatibility
Electrostatic discharge immunity test, level 3 8 kV air, 6 kV contact)EN/IEC 61000-4-2)
Radiated RF field immunity test, level 3 10 V/m)EN/IEC 61000-4-3)
Fast transient immunity test, level 4 4 kV)EN/IEC 61000-4-4)
Surge immunity test, level 3 2 kV)EN/IEC 61000-4-5)
Surge immunity test, level 4 4 kV)EN/IEC 61000-4-5)
Conducted RF disturbance immunity test 20 V)EN/IEC 61000-4-6)
Ordering and shipping details
Category
22352-TESYS ISLAND LOAD CONTROLLERS
Discount Schedule
I12
GTIN
3606489832834
Nbr. of units in pkg.
1
Package weight(Lbs)
2.91 lb(US) (1.32 kg)
Returnability
No
Packing Units
Unit Type of Package 1
PCE
Package 1 Height
2.36 in (6 cm)
Package 1 width
5.31 in (13.5 cm)
May 9, 2022
3



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com