Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LNK520P-TL Datasheet(PDF) 13 Page - Power Integrations, Inc.

Part # LNK520P-TL
Description  Energy Efficient, CV or CV/CC Switcher for Very Low Cost Adapters and Chargers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

LNK520P-TL Datasheet(HTML) 13 Page - Power Integrations, Inc.

Back Button LNK520P-TL Datasheet HTML 9Page - Power Integrations, Inc. LNK520P-TL Datasheet HTML 10Page - Power Integrations, Inc. LNK520P-TL Datasheet HTML 11Page - Power Integrations, Inc. LNK520P-TL Datasheet HTML 12Page - Power Integrations, Inc. LNK520P-TL Datasheet HTML 13Page - Power Integrations, Inc. LNK520P-TL Datasheet HTML 14Page - Power Integrations, Inc. LNK520P-TL Datasheet HTML 15Page - Power Integrations, Inc. LNK520P-TL Datasheet HTML 16Page - Power Integrations, Inc. LNK520P-TL Datasheet HTML 17Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
13
LNK520
E
2/05
ABSOLUTE MAXIMUM RATINGS(1,4)
DRAIN Voltage ..................................................-0.3Vto700V
DRAIN Peak Current......................................400 mA
CONTROLVoltage ................................................ -0.3Vto 9V
CONTROL Current (not to exceed 9 V)............100 mA
StorageTemperature..........................................-65°C to150°C
OperatingJunctionTemperature(2).....................-40°C to150°C
Lead Temperature(3) ........................................................260 °C
Notes:
1. All voltages referenced to SOURCE, T
A = 25 °C.
2. Normally limited by internal circuitry.
3. 1/16 in. from case for 5 seconds.
4. Maximum ratings specified may be applied, one at a time,
without causing permanent damage to the product.
Exposure to Absolute Maximum Rating conditions for
extended periods of time may affect product reliability.
THERMAL IMPEDANCE
Thermal Impedance: P or G Package:
(θ
JA) ........................... 70 °C/W
(2)
; 60 °C/W(3)
(θ
JC)
(1)
............................................... 11 °C/W
Notes:
1. Measured on pin 2 (SOURCE) close to plastic interface.
2. Soldered to 0.36 sq. in. (232 mm2), 2 oz. (610 g/m2) copper clad.
3. Soldered to 1 sq. in. (645 mm2), 2 oz. (610 g/m2) copper clad.
Parameter
Symbol
Conditions
SOURCE = 0 V; T
J = -40 to 125 °C
See Figure 14
(Unless Otherwise Specified)
Min
Typ
Max
Units
CONTROL FUNCTIONS
Switching
Frequency
f
OSC
I
C = IDCT, TJ = 25 °C
34.5
42
49.5
kHz
Low Switching
Frequency
f
OSC(LOW)
Duty Cycle = DC
LF
T
J = 25 °C
24
30
36
kHz
Duty Cycle at Low
Switching
Frequency
DC
LF
Frequency Switching from f
OSC to
f
OSC(LOW), TJ = 25 °C
2.7
4.1
5.5
%
Low Frequency
Duty Cycle Range
DC
(RANGE)
Frequency = f
OSC(LOW), TJ = 25 °C
2.0
3.5
5.0
%
Maximum Duty
Cycle
DC
MAX
I
C = 1.5 mA
74
77
80
%
PWM Gain
DC
REG
I
C = IDCT, TJ = 25 °C
-0.37
-0.27
-0.17
%/µA
CONTROL Pin
Current at 30%
Duty Cycle
I
DCT
T
J = 25 °C
See Figure 4
2.06
2.15
2.25
mA
CONTROL Pin
Voltage
V
C(IDCT)
I
C = IDCT
5.5
5.75
6
V
Dynamic
Impedance
Z
C
I
C = IDCT, TJ = 25 °C
60
90
120
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com