Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP7952X Datasheet(PDF) 39 Page - Microchip Technology

Part # MCP7952X
Description  Battery-Backed SPI Real-Time Clock/Calendar
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP7952X Datasheet(HTML) 39 Page - Microchip Technology

Back Button MCP7952X Datasheet HTML 35Page - Microchip Technology MCP7952X Datasheet HTML 36Page - Microchip Technology MCP7952X Datasheet HTML 37Page - Microchip Technology MCP7952X Datasheet HTML 38Page - Microchip Technology MCP7952X Datasheet HTML 39Page - Microchip Technology MCP7952X Datasheet HTML 40Page - Microchip Technology MCP7952X Datasheet HTML 41Page - Microchip Technology MCP7952X Datasheet HTML 42Page - Microchip Technology MCP7952X Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 58 page
background image
 2012-2022 Microchip Technology Inc. and its subsidiaries
DS20002300D-page 39
MCP7951X/MCP7952X
FIGURE 6-4:
WRITE STATUS REGISTER SEQUENCE
6.2.2
STATUS REGISTER READ
SEQUENCE
The Read Status Register instruction (SRREAD)
provides access to the STATUS register. The STATUS
register may be read at any time, even during a write
cycle. This allows the user to poll the WIP bit to
determine when a write cycle is complete.
The device is selected by pulling CS low. The 8-bit
SRREAD instruction is transmitted to the MCP795XX.
The STATUS register value is then shifted out on the
SO pin. The read operation is terminated by driving CS
high (Figure 6-5).
FIGURE 6-5:
READ STATUS REGISTER SEQUENCE
SO
SI
CS
9
1011
12131415
01
0
0
0
0
00
7654
21
0
Instruction
Data to STATUS Register
High-Impedance
SCK
0
234
567
1
8
3
SO
SI
CS
9
1011
12131415
11
0
0
0
0
00
76
5
4
2
1
0
Instruction
Data from STATUS Register
High-Impedance
SCK
0
234
567
1
8
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com