Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP79520 Datasheet(PDF) 29 Page - Microchip Technology

Part # MCP79520
Description  Battery-Backed SPI Real-Time Clock/Calendar
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP79520 Datasheet(HTML) 29 Page - Microchip Technology

Back Button MCP79520 Datasheet HTML 25Page - Microchip Technology MCP79520 Datasheet HTML 26Page - Microchip Technology MCP79520 Datasheet HTML 27Page - Microchip Technology MCP79520 Datasheet HTML 28Page - Microchip Technology MCP79520 Datasheet HTML 29Page - Microchip Technology MCP79520 Datasheet HTML 30Page - Microchip Technology MCP79520 Datasheet HTML 31Page - Microchip Technology MCP79520 Datasheet HTML 32Page - Microchip Technology MCP79520 Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 58 page
background image
 2012-2022 Microchip Technology Inc. and its subsidiaries
DS20002300D-page 29
MCP7951X/MCP7952X
TABLE 5-9:
SUMMARY OF REGISTERS ASSOCIATED WITH CLOCK OUTPUT CONFIGURATION
REGISTER 5-16:
CONTROL: RTCC CONTROL REGISTER (ADDRESS 0x08)
U-x
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
—
SQWEN
ALM1EN
ALM0EN
EXTOSC
CRSTRIM
SQWFS1
SQWFS0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is clear
x = Bit is unknown
bit 7
Unimplemented: Read as ‘1’
bit 6
SQWEN: Square Wave Output Enable bit
1 = Enable Square Wave Clock Output mode
0 = Disable Square Wave Clock Output mode
bit 5
ALM1EN: Alarm 1 Module Enable bit
1 = Alarm 1 enabled
0 = Alarm 1 disabled
bit 4
ALM0EN: Alarm 0 Module Enable bit
1 = Alarm 0 enabled
0 = Alarm 0 disabled
bit 3
EXTOSC: External Oscillator Input bit
1 = Enable X1 pin to be driven by external 32.768 kHz source
0 = Disable external 32.768 kHz input
bit 2
CRSTRIM: Coarse Trim Mode Enable bit
Coarse Trim mode results in the MCP795XX applying digital trimming every second.
1 = Enable Coarse Trim mode. If SQWEN = 1, CLKOUT will output trimmed 1 Hz(1) nominal clock
signal.
0 = Disable Coarse Trim mode
See Section 5.6 “Digital Trimming” for details
bit 1-0
SQWFS<1:0>: Square Wave Clock Output Frequency Select bits
If SQWEN = 1 and CRSTRIM = 0:
Selects frequency of clock output on CLKOUT
00 = 1 Hz(1)
01 = 4.096 kHz(1)
10 = 8.192 kHz(1)
11 = 32.768 kHz
If SQWEN = 0 or CRSTRIM = 1:
Unused
Note 1: The 8.192 kHz, 4.096 kHz, and 1 Hz square wave clock output frequencies are affected by digital
trimming.
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Register
on Page
CONTROL
—
SQWEN
ALM1EN
ALM0EN
EXTOSC
CRSTRIM
SQWFS1
SQWFS0
29
Legend:
— = unimplemented location, read as ‘0’. Shaded cells are not used in clock output configuration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com