Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP79522 Datasheet(PDF) 56 Page - Microchip Technology

Part # MCP79522
Description  Battery-Backed SPI Real-Time Clock/Calendar
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP79522 Datasheet(HTML) 56 Page - Microchip Technology

Back Button MCP79522 Datasheet HTML 50Page - Microchip Technology MCP79522 Datasheet HTML 51Page - Microchip Technology MCP79522 Datasheet HTML 52Page - Microchip Technology MCP79522 Datasheet HTML 53Page - Microchip Technology MCP79522 Datasheet HTML 54Page - Microchip Technology MCP79522 Datasheet HTML 55Page - Microchip Technology MCP79522 Datasheet HTML 56Page - Microchip Technology MCP79522 Datasheet HTML 57Page - Microchip Technology MCP79522 Datasheet HTML 58Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 56 / 58 page
background image
MCP7951X/MCP7952X
DS20002300D-page 56
 2012-2022 Microchip Technology Inc. and its subsidiares
PRODUCT IDENTIFICATION SYSTEM (AUTOMOTIVE)
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office. Not every possible ordering
combination is listed below.
PART NO.
/XX
Package
Temperature
Range
Device
Device:
MCP795 = 3V SPI Serial RTCC with Battery Switchover
Memory:
1
= 1-Kbit EEPROM, 64-Byte SRAM
2
= 2-Kbit EEPROM, 64-Byte SRAM
ID/MAC
Address:
0
= Blank
1
= Preprogrammed EUI-48™ address
2
= Preprogrammed EUI-64™ address
Tape & Reel
Option(1):
Blank = Tube
T
= Tape & Reel
Temperature
Range:
I= -40
C to +85C (AEC-Q100 Grade 3)
Package:
MS
= 10-Lead Plastic Small Outline (MSOP)
Variant(2, 3):
VAO
= Standard Automotive
Examples:
a) MCP79510-I/MSVAO:
1-Kbit
EEPROM,
Automotive Grade 3, MSOP Package.
b) MCP79520-I/MSVAO:
2-Kbit
EEPROM,
Automotive Grade 3, MSOP Package.
c) MCP79520T-I/MSVAO: 2-Kbit EEPROM,
Automotive Grade 3, Tape and Reel, MSOP
Package.
X
Memory Unique ID Tape & Reel
–
X
[X](1)
X
Option
Note 1: Tape and Reel identifier
only
appears in the catalog part number
description. This identifier is used for
ordering purposes and is not printed
on the device package. Check with
your Microchip Sales Office for
package availability with the Tape
and Reel option.
2: The VAO/VXX automotive variants
have been designed, manufactured,
tested and qualified in accordance
with AEC-Q100 requirements for
automotive applications.
3: For customers requesting a PPAP, a
customer-specific
part
will
be
generated and provided. A PPAP is
not provided for VAO part numbers.
(1)
/XXX
Variant
(2,3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com