Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC826 Datasheet(PDF) 11 Page - Microchip Technology

Part # MIC826
Description  Voltage Supervisor with Watchdog Timer, Manual Reset, and Dual Outputs
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC826 Datasheet(HTML) 11 Page - Microchip Technology

Back Button MIC826 Datasheet HTML 7Page - Microchip Technology MIC826 Datasheet HTML 8Page - Microchip Technology MIC826 Datasheet HTML 9Page - Microchip Technology MIC826 Datasheet HTML 10Page - Microchip Technology MIC826 Datasheet HTML 11Page - Microchip Technology MIC826 Datasheet HTML 12Page - Microchip Technology MIC826 Datasheet HTML 13Page - Microchip Technology MIC826 Datasheet HTML 14Page - Microchip Technology MIC826 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
2022 Microchip Technology Inc. and its subsidiaries
DS20006668A-page 11
MIC826
6.0
EVALUATION BOARD SCHEMATIC
FIGURE 6-1:
MIC826 Evaluation Board Schematic.
6.1
Bill of Materials
/RESET
MIC826
GND
WDI
/MR
VCC
RESET
0.1μF
VCC
1V to 5.5V
RESET
C1
U1
5
4
2
3
1
6
J3
J7
WDI
J6
J12
SW1
/MR
J4
J2
TP8
VCC
TP9
GND
J5
TABLE 6-1:
BILL OF MATERIALS
Item
Part Number
Manufacturer
Description
Qty.
C1
GRM188R71C104KA01D
Murata
0.1 µF, 16V capacitor, X7R, 0603
1
U1
MIC826xYMT
Microchip
Voltage Supervisor with Watchdog Timer, Manual
Reset, and Dual Outputs
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com