Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP79522-I/MS Datasheet(PDF) 14 Page - Microchip Technology

Part # MCP79522-I/MS
Description  Battery-Backed SPI Real-Time Clock/Calendar
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP79522-I/MS Datasheet(HTML) 14 Page - Microchip Technology

Back Button MCP79522-I/MS Datasheet HTML 10Page - Microchip Technology MCP79522-I/MS Datasheet HTML 11Page - Microchip Technology MCP79522-I/MS Datasheet HTML 12Page - Microchip Technology MCP79522-I/MS Datasheet HTML 13Page - Microchip Technology MCP79522-I/MS Datasheet HTML 14Page - Microchip Technology MCP79522-I/MS Datasheet HTML 15Page - Microchip Technology MCP79522-I/MS Datasheet HTML 16Page - Microchip Technology MCP79522-I/MS Datasheet HTML 17Page - Microchip Technology MCP79522-I/MS Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 58 page
background image
MCP7951X/MCP7952X
DS20002300D-page 14
 2012-2022 Microchip Technology Inc.and its subsidiaries
5.2
Oscillator Configurations
The MCP795XX can be operated in two different
oscillator configurations: using an external crystal or
using an external clock input.
5.2.1
EXTERNAL CRYSTAL
The crystal oscillator circuit on the MCP795XX is
designed to operate with a standard 32.768 kHz tuning
fork crystal and matching external load capacitors.
By using external load capacitors, the MCP795XX
allows for a wide selection of crystals. Suitable crystals
have a load capacitance (CL) of 6-9 pF. Crystals with a
load capacitance of 12.5 pF are not recommended.
Figure 5-3 shows the pin connections when using an
external crystal.
FIGURE 5-3:
CRYSTAL OPERATION
5.2.1.1
Choosing Load Capacitors
CL is the effective load capacitance as seen by the
crystal and includes the physical load capacitors, pin
capacitance and stray board capacitance. Equation 5-1
can be used to calculate CL.
CX1 and CX2 are the external load capacitors. They
must be chosen to match the selected crystal’s
specified load capacitance.
EQUATION 5-1:
LOAD CAPACITANCE
CALCULATION
5.2.1.2
Layout Considerations
The oscillator circuit should be placed on the same
side of the board as the device. Place the oscillator
circuit close to the respective oscillator pins. The load
capacitors should be placed next to the oscillator
itself, on the same side of the board.
Use a grounded copper pour around the oscillator
circuit to isolate it from surrounding circuits. The
grounded copper pour should be routed directly to VSS.
Do not run any signal traces or power traces inside the
ground pour. Also, if using a two-sided board, avoid any
traces on the other side of the board where the crystal
is placed.
Layout suggestions are shown in Figure 5-4. In-line
packages may be handled with a single-sided layout
that completely encompasses the oscillator pins. With
fine-pitch packages, it is not always possible to
completely surround the pins and components. A
suitable solution is to tie the broken guard sections to a
mirrored ground layer. In all cases, the guard trace(s)
must be returned to ground.
For additional information and design guidance on
oscillator circuits, refer to these Microchip Application
Notes,
available
at
the
corporate
website
(www.microchip.com):
• AN1365 – “Recommended Usage of Microchip
Serial RTCC Devices” (DS00001365)
• AN1519 – “Recommended Crystals for Microchip
Stand-Alone Real-Time Clock Calendar Devices”
(DS00001519)
Note 1: The ST bit must be set to enable the
crystal oscillator circuit.
2: Always verify oscillator performance over
the voltage and temperature range that is
expected for the application.
Note:
If the load capacitance is not correctly
matched to the chosen crystal’s specified
value, the crystal may give a frequency
outside of the crystal manufacturer’s
specifications.
CX1
CX2
Quartz
X1
ST
To Internal
Logic
Crystal
X2
MCP795XX
CL
CX1 CX2
CX1 CX2
+
--------------------------
CSTRAY
+
=
Where:
CL
=
Effective load capacitance
CX1
=
Capacitor value on X1 + COSC
CX2
=
Capacitor value on X2 + COSC
CSTRAY = PCB stray capacitance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com