Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSK0004 Datasheet(PDF) 2 Page - M.S. Kennedy Corporation

Part # MSK0004
Description  HIGH VOLTAGE OPERATIONAL AMPLIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK0004 Datasheet(HTML) 2 Page - M.S. Kennedy Corporation

  MSK0004 Datasheet HTML 1Page - M.S. Kennedy Corporation MSK0004 Datasheet HTML 2Page - M.S. Kennedy Corporation MSK0004 Datasheet HTML 3Page - M.S. Kennedy Corporation MSK0004 Datasheet HTML 4Page - M.S. Kennedy Corporation MSK0004 Datasheet HTML 5Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
STATIC
Supply Voltage Range
Quiescent Current
INPUT
Input Offset Voltage
Input Offset Voltage Drift
Input Bias Current
Input Offset Current
Common Mode Rejection Ratio
Input Impedence
OUTPUT
Output Voltage Swing
Power Bandwidth
Output Resistance
Capacitive Load
TRANSFER CHARACTERISTICS
Slew Rate
Open Loop Voltage Gain
Thermal Resistance
Storage Temperature Range
Lead Temperature Range
(10 Seconds)
Junction Temperature
ABSOLUTE MAXIMUM RATINGS
±50V
±40V
-55°C to +125°C
-40°C to +85°C
Supply Voltage
Differential Input Voltage
Case Operating Temperature Range
MSK0004H/E
MSK0004
-65°C to +150°C
300°C
175°C
1
2
3
4
5
6
TST
TLD
TC
VCC
VIN
TC
Unless otherwise specified, VCC=±40VDC and VIN=0V.
Guaranteed by design but not tested. Typical parameters are representative of actual device performance but are for reference only.
Industrial grade and "E" suffix devices shall be tested to subgroups 1 and 4 unless otherwise requested.
Military grade devices ("H" suffix) shall be 100% tested to subgroups 1,2,3 and 4.
Subgroup 5 and 6 testing available upon request.
Subgroup 1,4 TC=+25°C
Subgroup 2,5
TC=+125°C
Subgroup 3,6 TA=-55°C
NOTES:
Group A
Subgroup
-
1
2,3
1
2,3
-
1
2,3
1
-
-
4
-
-
-
4
4
-
AV=10
VCM=0V
VCM=0V
VCM=±20VDC
DC
f=1KHz
VOUT=±35VPK
No Load
RL=1KΩ
VOUT=±30VPK
VOUT=±30VPK f=10KHz
Junction to Case @ 125°C
Typ.
±40
±3.0
-
±1.0
-
±15
±12
-
±15
100
250
±37
23
500
50
5.0
200K
16
Test Conditions
Max.
±50
±4.5
±4.5
±6.0
±7.0
-
±30
±50
±30
-
-
-
-
-
-
-
-
19
Min.
±10
-
-
-
-
-
-
-
-
74
40
±35
-
-
-
2.5
100K
-
Min.
±10
-
-
-
-
-
-
-
-
74
40
±35
-
-
-
2.5
100K
-
Max.
±45
±5.0
-
±7.5
-
-
±50
-
±40
-
-
-
-
-
-
-
-
22
Typ.
±40
±3.0
-
±1.0
-
±15
±12
-
±15
100
250
±37
23
500
50
5.0
200K
16
V
mA
mA
mV
mV
µV/°C
nA
nA
nA
dB
MΩ
V
KHz
Ω
pF
V/µS
V/V
°C/W
MSK0004H/E
MSK0004
Parameter
ELECTRICAL SPECIFICATIONS
2
Rev. - 8/02
Units
2
2
2
2
2
2
2
2
2
2
1



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com