Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG2017 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # DG2017
Description  Low-Voltage, Low RON, Dual DPDT Analog Switch
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG2017 Datasheet(HTML) 4 Page - Vishay Siliconix

  DG2017 Datasheet HTML 1Page - Vishay Siliconix DG2017 Datasheet HTML 2Page - Vishay Siliconix DG2017 Datasheet HTML 3Page - Vishay Siliconix DG2017 Datasheet HTML 4Page - Vishay Siliconix DG2017 Datasheet HTML 5Page - Vishay Siliconix DG2017 Datasheet HTML 6Page - Vishay Siliconix DG2017 Datasheet HTML 7Page - Vishay Siliconix DG2017 Datasheet HTML 8Page - Vishay Siliconix DG2017 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
www.vishay.com
4
Document Number: 72228
S13-1286-Rev. C, 27-May-13
Vishay Siliconix
DG2017
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
For technical questions, contact: pmostechsupport@vishay.com
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
RON vs. VCOM and Single Supply Voltage
RON vs. Analog Voltage and Temperature
Supply Current vs. Temperature
0.00
1.00
2.00
3.00
4.00
5.00
6.00
0
1234
5
VCOM - Analog Voltage (V)
T = 25 °C
SW1 & SW2
IS = 10 mA
V+ = 5.0 V
V+ = 3.3 V
V+ = 2.7 V
V+ = 2.3 V
0.00
1.00
2.00
3.00
4.00
5.00
6.00
0
1234
5
VCOM - Analog Voltage (V)
V+ = 5.0 V
V+ = 2.7 V
85 °C
25 °C
- 40 °C
85 °C
25 °C
- 40 °C
SW1 and SW2
IS = 10 mA
- 60
- 40
- 20
0
20
40
60
80
100
10
10 000
Temperature (°C)
100
1000
V+ = 5.0 V
VIN = 0 V
V+ = 3.0 V
VIN = 0 V
RON vs. VCOM and Single Supply Voltage
RON vs. Analog Voltage and Temperature
Supply Current vs. Input Switching Frequency
0.000
0.200
0.400
0.600
0.800
1.000
1.200
1.400
1.600
0
1234
5
VCOM - Analog Voltage (V)
T = 25 °C
SW3 & SW4
V+ = 5.0 V, IS = 100 mA
V+ = 3.3 V
,
IS = 100 mA
V+ = 2.7 V, IS = 100 mA
V+ = 2.3 V, IS = 50 mA
0.000
0.200
0.400
0.600
0.800
1.000
1.200
1.400
0
1234
5
VCOM - Analog Voltage (V)
SW3 and SW4
V+ = 5.0 V
85 °C
25 °C
- 40 °C
V+ = 2.7 V
85 °C
25 °C
- 40 °C
IS = 100 mA
10
10 K
100 K
10 M
100
1 K
1 M
10 mA
1 mA
100 µA
10 µA
1 µA
10 nA
100 nA
Input Switching Frequency (Hz)
V+ = 3 V
100 nA
1 nA



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com