Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG2525 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # DG2525
Description  0.37 Ω, Low THD and Capacitance, Dual DPDT / Quad SPDT Analog Switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG2525 Datasheet(HTML) 4 Page - Vishay Siliconix

  DG2525 Datasheet HTML 1Page - Vishay Siliconix DG2525 Datasheet HTML 2Page - Vishay Siliconix DG2525 Datasheet HTML 3Page - Vishay Siliconix DG2525 Datasheet HTML 4Page - Vishay Siliconix DG2525 Datasheet HTML 5Page - Vishay Siliconix DG2525 Datasheet HTML 6Page - Vishay Siliconix DG2525 Datasheet HTML 7Page - Vishay Siliconix DG2525 Datasheet HTML 8Page - Vishay Siliconix DG2525 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
DG2525
www.vishay.com
Vishay Siliconix
S16-1508-Rev. B, 01-Aug-16
4
Document Number: 78295
For technical questions, contact: analogswitchtechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (TA = 25 °C, unless otherwise noted)
RON vs. VCOM and Supply Voltage
Supply Current vs. Input Voltage
Supply Current vs. Supply Voltage
RON vs. Analog Voltage and Temperature
Supply Current vs. Temperature
Leakage Current vs. Temperature
0.30
0.32
0.34
0.36
0.38
0.40
0.42
0.44
0.46
0.48
0.50
0.52
0.54
0.56
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
V
COM - Analog Voltage (V)
V+ = +1.8 V
V+ = +3.0 V
V+ = +2.3 V
V+ = +5.0 V
T
A = 25 °C
I
S = 100 mA
V+ = +3.6 V
10
100
1000
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
V
IN - Input Voltage (V)
V+ = 5 V
T = 25 oC
V+ = 3 V
V+ = 1.8 V
10
20
30
40
50
60
70
80
90
100
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
V+ - Supply Voltage (V)
T
A = 25 °C
V
IN = 0 V
0.20
0.22
0.24
0.26
0.28
0.30
0.32
0.34
0.36
0.38
0.40
0.42
0.44
0.46
0.48
0.50
0.52
0.54
0.0
0.5
1.0
1.5
2.0
2.5
3.0
V
COM - Analog Voltage (V)
+85
°C
+25
°C
-40
°C
V+ = +3.0 V
I
S = 100 mA
0
5
10
15
20
25
30
35
40
45
50
55
60
-40
-20
0
20406080
100
Temperature (
°C)
V+ = +3 V
IN = 0 V
-200
0
200
400
600
800
1000
1200
1400
-40
-20
0
20406080
100
Temperature (oC)
V+ = 3.3 V
V
COM = 0.5 V
V
NO/NC = 2.8 V
I
NO/NC(OFF)
I
COM(OFF)
I
COM(ON)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com