Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD151TS302ARP Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # HD151TS302ARP
Description  Spread Spectrum Clock for EMI Solution
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD151TS302ARP Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button HD151TS302ARP Datasheet HTML 4Page - Renesas Technology Corp HD151TS302ARP Datasheet HTML 5Page - Renesas Technology Corp HD151TS302ARP Datasheet HTML 6Page - Renesas Technology Corp HD151TS302ARP Datasheet HTML 7Page - Renesas Technology Corp HD151TS302ARP Datasheet HTML 8Page - Renesas Technology Corp HD151TS302ARP Datasheet HTML 9Page - Renesas Technology Corp HD151TS302ARP Datasheet HTML 10Page - Renesas Technology Corp HD151TS302ARP Datasheet HTML 11Page - Renesas Technology Corp HD151TS302ARP Datasheet HTML 12Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
HD151TS302ARP
Rev.5.00, May.19.2003, page 8 of 12
Application Information
1. Recommended Circuit Configuration
The power supply circuit of the optimal performance on the application of a system should refer to Fig. 2.
VDD decoupling is important to both reduce Jitter and EMI radiation.
The C1 decoupling capacitor should be placed as close to the VDD pin as possible, otherwise the increased
trace inductance will negate its decoupling capability.
The C2 decoupling capacitor shown should be a tantalum type.
8
SEL1
1
7
CLKOUT
6
SEL0
5
SSCCLKOUT
2
VDD
3
GND
GND GND
4
XIN
XOUT
C1
R1
R2
C2
TS300 Series
(Crystal or
Reference input)
(Crystal or
Not connection)
Notes:
C1 = High frequency supply decoupling capacitor.
(0.1
µF recommended)
C2 = Low frequency supply decoupling capacitor.
(22
µF tantalum type recommended)
R1, R2 = Match value to line impedance.
(22
Ω Reference value)
Figure 2 Recommended circuit configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com