Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG2715 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # DG2715
Description  Low-Voltage, 0.4 Ω RON, Single SPST Analog Switch
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG2715 Datasheet(HTML) 4 Page - Vishay Siliconix

  DG2715 Datasheet HTML 1Page - Vishay Siliconix DG2715 Datasheet HTML 2Page - Vishay Siliconix DG2715 Datasheet HTML 3Page - Vishay Siliconix DG2715 Datasheet HTML 4Page - Vishay Siliconix DG2715 Datasheet HTML 5Page - Vishay Siliconix DG2715 Datasheet HTML 6Page - Vishay Siliconix DG2715 Datasheet HTML 7Page - Vishay Siliconix DG2715 Datasheet HTML 8Page - Vishay Siliconix DG2715 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
www.vishay.com
4
Document Number: 72740
S11-0303-Rev. C, 28-Feb-11
Vishay Siliconix
DG2715, DG2716
TYPICAL CHARACTERISTICS (TA = 25 °C, unless otherwise noted)
RDS(on) vs. VCOM vs. 1 VCC
Supply Current vs. Temperature
Leakage Current vs. Temperature
0.5
0.6
0.0
0.1
0.2
0.3
0.4
0.7
0.8
0.9
0.3
0.6
0.9
1.2
1.5
1.8
2.1
2.4
2.7
VD (V)
V+ = 1.8 V, INO/NC = 10 mA
V+ = 2.7 V, INO/NC = 100 mA
- 40
- 20
0
20
40
60
80
100
10000
100
1
Temperature (°C)
10
VSUP = 3.6 V, VIN = 0 V
1000
VSUP = 3.6 V, VIN = 3.6 V
- 50
- 25
0
25
50
75
100
1
100
Temperature (°C)
10 000
10
INO/NC(off)
V+ = 3.3 V
1000
ICOM(off)
ICOM(on)
RDS(on) vs. VD, VCC and Temperature
Switching Frequency vs. Supply Current
Leakage Current vs. Analog Voltage
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0.3
0.6
0.9
1.2
1.5
1.8
2.1
2.4
2.7
VCC = 1.8 V
85 °C, 25 °C and - 40 °C
VD (V)
VCC = 2.7 V
85 °C, 25 °C and - 40 °C
Inout Switching Frequency (kHz)
0
500
1000
1500
2000
2500
3000
3500
4000
0
2000
4000
6000
8000
10000
12000
V+ = 3.6 V
VIN = 3.6 V
- 2000
- 1500
- 1000
- 500
0
500
1000
1500
2000
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
V+ = 3.3 V
VCOM, VNO, VNC - Analog Voltage (V)
ICOM(on)
ICOM(off)
INO/NC(of



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com