Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSK1901B Datasheet(PDF) 2 Page - M.S. Kennedy Corporation

Part # MSK1901B
Description  HIGH SPEED/HIGH VOLTAGE VIDEO DISPLAY DRIVER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK1901B Datasheet(HTML) 2 Page - M.S. Kennedy Corporation

  MSK1901B Datasheet HTML 1Page - M.S. Kennedy Corporation MSK1901B Datasheet HTML 2Page - M.S. Kennedy Corporation MSK1901B Datasheet HTML 3Page - M.S. Kennedy Corporation MSK1901B Datasheet HTML 4Page - M.S. Kennedy Corporation MSK1901B Datasheet HTML 5Page - M.S. Kennedy Corporation MSK1901B Datasheet HTML 6Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
STATIC
High Voltage Supply (WRT VCB)
Thermal Resistance
INPUT
VCM=0V@+10V
VCM=0V@-10.5V
TC ≤ 125°C
Junction To Case
VBLANK=0.4V
VBLANK=2.4V
VOFF=1V
VGAIN=5V
Normal Operation
VCM=±0.5V F=10Hz
Either Input F=DC
Either Input
VBLANK=2.4V VIN=0.3V
∆ VGAIN=5V
+VCC and -VCC=Nom ±5%
IOUT<2mA
VBLANK=2.4V VOFF=1V VGAIN=0V
VOFF=0V VGAIN=4V
VOFF=5V VGAIN=0V
Test Conditions
Storage Temperature Range
Lead Temperature Range
(Solder 10 Seconds)
Junction Temperature
Total Power Dissapation
+65V
+12V
-12V
+20V
2V
-0.6V to +6V
-0.6V to +6V
-0.6V to +6V
5mA
High Voltage Supply (WRT VCB)
Positive Supply Voltage
Negative Supply Voltage
Common Base Supply Voltage
Differential Input Voltage
Gain Adjust Input Voltage
Offset Adjust Input Voltage
Blank Input Voltage
Reference Output Current
-65°C to +150°C
+300°C
+175°C
13W
ABSOLUTE MAXIMUM RATINGS
TST
TLD
+VHV
Group A
Subgroup
1,2,3
1,2,3
-
-
1
2,3
1
1
1
1
-
-
-
-
-
-
-
1,2,3
1,2,3
1,2,3
1,2,3
4
1,2,3
-
4
-
-
-
Typ.
55
75
60
5
±1
±5
500
300
2
2
-
40
20
2
-
-
30
5.5
0
10
100
500
30
225
2.8
-
-
-
Min.
-
-
20
-
-
-
-
-
-
-
30
-
10
-
-
-
25
5.2
-2
0.5
80
395
-
200
-
-
-
-
Units
mA
mA
V
°C/W
µA
µA
µA
µA
µA
µA
nS
dB
KΩ
pF
mA
mA
dB
V
mA
mA
mA
mS
mA
MHz
nS
%GS
%
%GS
MSK1901B
Max.
70
100
65
7
±50
±250
600
400
10
10
-
-
-
-
±2
±10
-
5.8
2
25
120
605
40
-
4.5
±2
±2
±2
ELECTRICAL SPECIFICATIONS
1
2
3
4
5
6
7
+VCC=+10V, -VEE=-10.5V, +VHV=+70V, VCB=+10V, VBLANK=0.4V, CL=6pF, RL=200Ω, VGAIN=VOFF=±VIN=0V unless otherwise specified.
Guaranteed by design but not tested. Typical parameters are representative of actual device performance but are for reference only.
Much faster rise times are obtainable without using test sockets. In addition, a peaking network may be used to improve overall bandwidth.
Industrial grade and "E" suffix devices shall be tested to subgroups 1 and 4 unless otherwise specified.
Military grade devices ("B" suffix) shall be 100% tested to subgroups 1,2,3 and 4.
Subgroups 5 and 6 testing available upon request.
Subgroup 1,4 TC=+25°C
Subgroup 2,5
TC=+125°C
Subgroup 3,6 TA=-55°C
NOTES:
Quiescent Current
Parameter
1
Rev. A 5/02
2
Input Bias Current
Offset Adjust Input Current
Gain Adjust Input Current
Blank Input Pulse Width
Common Mode Rejection Ratio
Input Impedence
Input Capacitance
Blank Mode Input Rejection ∆mA
Gain Adjust Rejection ∆mA
Power Supply Rejection Ratio
OUTPUT
Reference Output Voltage
Output Current Blank Mode
Output Current Min Offset
Output Current Max Offset
Transconductance
Common Base Current
Bandwidth
Transition Times
Linearity Error
Gain Linearity
Thermal Distortion
VIN=0.6V F=10KHz VGAIN =5V Both Inputs
VCM=0V
VOFF=0V RL=50Ω
VIN=0.6V VGAIN=4V TR=TF<1nS VOFF=1V
VGAIN=1V VOFF=1V VCM=0.5V
VOFF=1V VIN=0.2V VCM=0.5V
-
VGAIN
VOFF
VBLANK
IREF
TJ
VCM=0V
+VCC
-VEE
VCB
VID
(TC=25°C)
-55°C to +125°C
-40°C to +85°C
Case Operating Temperature Range
(MSK 1901B/E)
(MSK1901)
TC
PD
Blank Input Current
2
2
2
2
2
2
2
2
3
2
2
2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com