Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSK4422G Datasheet(PDF) 2 Page - M.S. Kennedy Corporation

Part # MSK4422G
Description  20 AMP, 200 VOLT MOSFET SMART POWER 3-PHASE MOTOR DRIVE HYBRID
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK4422G Datasheet(HTML) 2 Page - M.S. Kennedy Corporation

  MSK4422G Datasheet HTML 1Page - M.S. Kennedy Corporation MSK4422G Datasheet HTML 2Page - M.S. Kennedy Corporation MSK4422G Datasheet HTML 3Page - M.S. Kennedy Corporation MSK4422G Datasheet HTML 4Page - M.S. Kennedy Corporation MSK4422G Datasheet HTML 5Page - M.S. Kennedy Corporation MSK4422G Datasheet HTML 6Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MSK 4422
Min.
Typ.
Max.
OUTPUT CHARACTERISTICS
VDS(ON) (Each Transistor)
Instantaneous Forward Voltage (Intrinsic Diode)
Reverse Recovery Time
1
BIAS SUPPLY CHARACTERISTICS
INPUT SIGNAL CHARACTERISTICS
Positive Trigger Threshold Voltage
Negative Trigger Threshold Voltage
I. Trip Threshold Voltage
SWITCHING CHARACTERISTICS
Upper Drive:
Turn-On Propagation Delay
Turn-Off Propagation Delay
Turn-On
Turn-Off
Lower Drive:
Turn-On Propagation Delay
Turn-Off Propagation Delay
Turn-On
Turn-Off
Dead Time
1
Minimum Pulse Width
1
2
ABSOLUTE MAXIMUM RATINGS
V+
VCC
IOUT
IPK
θJC
Storage Temperature Range
Lead Temperature Range
(10 Seconds)
Case Operating Temperature
MSK 4422
Junction Temperature
Guaranteed by design but not tested. Typical parameters are representative of actual device performance but are for reference only.
Vcc=+15V, ITRIP=0V, V+=200V and Tcase=25°C unless otherwise specified.
Measured using a 300µS pulse with a 2% duty cycle.
ON resistance is specified for the internal MOSFET for thermal calculations only. It does not include the package pin resistance.
ELECTRICAL SPECIFICATIONS
Parameters
ID = 20A
IS = 20A
V+ = 200V
V+ = 160V
V+ = 200V
Vcc = 15V
Vcc = 15V
Vcc = 15V
V+ = 100V, Vcc = 15V, I D = 20A
-
-
-
-
-
-
-
-
-
2.2
-
400
-
-
-
-
-
-
-
-
-
300
1.3
1.2
-
3
-
-
3
-
-
-
-
500
0.98
2.4
330
440
0.9
2.0
140
215
2
-
1.7
1.5
330
250
-
-
10
-
-
-
0.8
600
-
-
-
-
-
-
-
-
-
-
UNITS
V
V
nS
µA
µA
µA
mA
mA
mA
V
V
mV
µS
µS
nS
nS
µS
µS
nS
nS
µS
nS
3
Test Conditions
NOTES:
VCC = 15V
(non-switching)
-55° to +125°C
300°C
-40°C to +85°C
+150°C
TsT
TLD
TC
TJ
High Voltage Supply
Logic Supply
Continuous Output Current
Peak Output Current
Thermal Resistance
(Output Switches)
(Junction to Case @ 125°C)
200V
18V
20A
44A
2.3°C/W
Leakage Current
Quiescent Bias Current
1
2
3
1
2
3
4
Rev. B 4/05



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com