Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSK4454G Datasheet(PDF) 2 Page - M.S. Kennedy Corporation

Part # MSK4454G
Description  10 AMP, 600 VOLT IGBT SMART POWER 3-PHASE MOTOR DRIVE HYBRID
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK4454G Datasheet(HTML) 2 Page - M.S. Kennedy Corporation

  MSK4454G Datasheet HTML 1Page - M.S. Kennedy Corporation MSK4454G Datasheet HTML 2Page - M.S. Kennedy Corporation MSK4454G Datasheet HTML 3Page - M.S. Kennedy Corporation MSK4454G Datasheet HTML 4Page - M.S. Kennedy Corporation MSK4454G Datasheet HTML 5Page - M.S. Kennedy Corporation MSK4454G Datasheet HTML 6Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Storage Temperature Range
Lead Temperature Range
(10 Seconds)
Case Operating Temperature
MSK 4454
Junction Temperature
2
Rev. B
11/04
ABSOLUTE MAXIMUM RAT-
INGS
High Voltage Supply
Logic Supply
Continuous Output Current
Peak Output Current
Thermal Resistance @ 125°C
(Output Switches)(Junction to Case)
Thermal Resistance @ 125°C
(Diodes)
1 Guaranteed by design but not tested. Typical parameters are representative of actual device performance but
are for reference only.
2 Vcc=+15V, VB=+15V, V+=270V and TCASE=25°C unless otherwise specified.
3 Measured using a 300µS pulse with a 2% duty cycle.
ELECTRICAL SPECIFICATIONS
Parameters
Ic=10A
V+ = 600V
ID=10A
ID=10A, di/dt=100A/µS, Vr=350V
+Vcc=15V
+VB=15V
+Vcc=15V
+Vcc=15V
+Vcc Positive Going Threshold
+Vcc Negative Going Threshold
Low Side Turn-off to High Side Turn-On
High Side Turn-off to Low Side Turn-On
-
-
-
-
-
-
2.7
-
7.2
6.7
280
4
3.1
250
1.75
-
-
-
-
-
8.9
8.2
400
5
3.8
500
2.5
180
6
1
-
0.8
10.8
9.9
520
6
MSK 4454
Min.
Typ.
Max.
volts
µA
volts
nS
mA
mA
volts
volts
volts
volts
nSEC
µSEC
Test Conditions
NOTES:
1
-55° to +125°C
300°C
-40°C to +85°C
+150°C
TsT
TLD
TC
TJ
V+
VCC
IOUT
IPK
θJC
θJC
600V
18V
10A
30A
2.2°C/W
2.7°C/W
UNITS
2
Under-voltage Lockout
Dead Time
3
3
OUTPUT CHARACTERISTICS
VC-E (On) Voltage (Each IGBT)
Leakage Current (Each IGBT)
Instantaneous Forward Voltage (FRED Flyback Diode)
Reverse Recovery Time
BIAS SUPPLY CHARACTERISTICS
+Vcc Bias Current
+VB Bias Current
INPUT SIGNAL CHARACTERISTICS
Positive Trigger Threshold Voltage
Negative Trigger Threshold Voltage



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com