Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSK4462D Datasheet(PDF) 2 Page - M.S. Kennedy Corporation

Part # MSK4462D
Description  30 AMP, 75V, 3 PHASE MOSFET BRUSHLESS MOTOR CONTROLLER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK4462D Datasheet(HTML) 2 Page - M.S. Kennedy Corporation

  MSK4462D Datasheet HTML 1Page - M.S. Kennedy Corporation MSK4462D Datasheet HTML 2Page - M.S. Kennedy Corporation MSK4462D Datasheet HTML 3Page - M.S. Kennedy Corporation MSK4462D Datasheet HTML 4Page - M.S. Kennedy Corporation MSK4462D Datasheet HTML 5Page - M.S. Kennedy Corporation MSK4462D Datasheet HTML 6Page - M.S. Kennedy Corporation MSK4462D Datasheet HTML 7Page - M.S. Kennedy Corporation MSK4462D Datasheet HTML 8Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Guaranteed by design but not tested. Typical parameters are representative of actual device performance but are for reference only.
Maximum power dissipation must be limited according to voltage regulator power dissipation.
Module powered by external ±15V supplies.
Measurements do not include offset current at 0V current command.
INPUT CURRENT
+15 VIN
-15 VIN
PWM
CLOCK SYNC INPUT
VIL
VIH
Duty Cycle
SYNC Frequency
REGULATORS
+15 VOUT
-15 VOUT
REFOUT
-15 VOUT Ripple
LOGIC INPUTS
(Hall A,B,C,Brake,60°/120°,DIS)
VIL
VIH
ANALOG SECTION
Current Command Input Range
Current Command Input Current
Current Monitor Voltage Swing
ERROR AMP
E/A OUT Swing
Slew Rate
Gain Bandwidth Product
Large Signal Voltage Gain
OUTPUT SECTION
Voltage Drop Across Bridge (1 Upper & 1 Lower)
Voltage Drop Across Bridge (1 Upper & 1 Lower)
Leakage Current
Diode VSD
trr
Dead Time
Output PWM'ing
Current Command=0 Volts
25mA Load
25mA Load
15mA Load
25mA Load
5mA Load
5mA Load
30 AMPS
30 AMPS @ 150°C Junction
All switches off, V+=60V, 150°C Junction
High Voltage Supply (internal regulators disabled)
High Voltage Supply (using internal regulators)
Current Command Input
Logic Inputs
±15VOUT External Load
REFOUT External Load
E/A OUT External Load
Clock SYNC Input
Continuous Output Current
Peak Output Current
75V
55V
±13.5V
-0.2V to REFOUT
±25 mA
15 mA
5 mA
-0.2V to +15V
30 Amps
41 Amps
2
Rev. F 5/05
ELECTRICAL SPECIFICATIONS
ABSOLUTE MAXIMUM RATINGS
Thermal Resistance (Output Switches)
Thermal Resistance (Regulator)
Storage Temperature Range
Lead Temperature Range
(10 Seconds)
Case Operating Temperature
Junction Temperature
0.6°C/W
7°C/W
-40°C to +150°C
+300°C
-40°C to +125°C
+150°C
R
θJC
R
θJC
TST
TLD
TC
TJ
Parameter
Units
MSK 4462
Test Conditions
mA
mA
KHz
KHz
VOLTS
VOLTS
%
KHz
VOLTS
VOLTS
VOLTS
mV
VOLTS
VOLTS
VOLTS
mA
A/V
A/V
mA
mA
V/A
V/A
VOLTS
VOLTS
V/µSec
MHz
V/mV
VOLTS
VOLTS
µA
VOLTS
nSec
µSec
Min.
Typ.
Max.
-
-
20
-
-
12.5
10
Clock +0
14.25
-14.25
5.82
-
-
3.0
-
-
2.55
-
-
-
0.280
-
-
-
6.5
-
175
-
-
-
-
-
-
68
30
22
-
-
-
-
-
-
-
-
-
-
-
-
-
3
-
-
-
0.33
-
-
-
8
6.5
275
-
-
-
-
280
2
85
40
24
-
2.5
-
90
Clock +3
15.75
-15.75
6.57
250
0.8
-
±13.5
1.5
3.45
-
±50
-
0.380
-
±12
±12
-
-
-
1
1.83
750
2.6
-
-
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
3
1
2
1
2
2
Transconductance
Offset Current
Current Monitor
Clock Free Running Frequency
1
2
3
4
NOTES:
Current Command=0Volts
4
4
1
1



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com