Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSK4890H Datasheet(PDF) 2 Page - M.S. Kennedy Corporation

Part # MSK4890H
Description  600V/300A SCR/REGEN PEM
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK4890H Datasheet(HTML) 2 Page - M.S. Kennedy Corporation

  MSK4890H Datasheet HTML 1Page - M.S. Kennedy Corporation MSK4890H Datasheet HTML 2Page - M.S. Kennedy Corporation MSK4890H Datasheet HTML 3Page - M.S. Kennedy Corporation MSK4890H Datasheet HTML 4Page - M.S. Kennedy Corporation MSK4890H Datasheet HTML 5Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Rev. B 8/05
2
Storage Temperature Range
Junction Temperature
Case Operating Temperature Range
MSK 4890H/E
MSK 4890
-55°C to +125°C
150°C
-55°C to +125°C
-40°C to +85°C
Collector to Emitter Voltage
Gate to Emitter Voltage
Collector Current (Continuous)
Collector Current Pulsed (1mS)
SCR Forward Current (Continuous)
SCR Peak Surge Current (1/2 Cycle 60Hz)
REGEN Diode Current (Continuous)
REGEN Diode Current Pulsed (1mS)
Case Isolation Voltage
TST
TJ
TC
ELECTRICAL SPECIFICATIONS
ABSOLUTE MAXIMUM RATING
600V
±20V
300A
600A
220A
1100A
50A
100A
2500V
NOTES:
Guaranteed by design but not tested. Typical parameters are representative of actual device performance but are for reference only.
Industrial grade and "E" suffix devices shall be tested to subgroup 1 unless otherwise specified.
Military grade devices ("H" suffix) shall be 100% tested to subgroups 1, 2 and sample tested to subgroup 3.
Subgroups 4, 5 and 6 testing available upon request.
Subgroup 1, 4 TA = +25°C
2, 5 TA = +125°C
3, 6 TA = -55°C
VGE=15V unless otherwise specified.
Continuous operation at or above absolute maximum ratings may adversly effect the device performance and/or life cycle.
VCE
VGE
ICC
ICC
IT
ITSM
IF
IFP
VCASE
1
2
3
4
5
6
7
7



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com