Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GV2ME16 Datasheet(PDF) 2 Page - Schneider Electric

Part # GV2ME16
Description  TeSys Deca Manual Starter and Protector, thermal magnetic circuit protector, push buttons, 9 to 14 A, screw clamp
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

GV2ME16 Datasheet(HTML) 2 Page - Schneider Electric

  GV2ME16 Datasheet HTML 1Page - Schneider Electric GV2ME16 Datasheet HTML 2Page - Schneider Electric GV2ME16 Datasheet HTML 3Page - Schneider Electric GV2ME16 Datasheet HTML 4Page - Schneider Electric GV2ME16 Datasheet HTML 5Page - Schneider Electric GV2ME16 Datasheet HTML 6Page - Schneider Electric GV2ME16 Datasheet HTML 7Page - Schneider Electric GV2ME16 Datasheet HTML 8Page - Schneider Electric GV2ME16 Datasheet HTML 9Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Thermal protection adjustment
range
9…14 A
Magnetic tripping current
170 A
[Ue] rated operational voltage
690 V AC 50/60 Hz IEC 60947-2
[Ui] rated insulation voltage
690 V AC 50/60 Hz IEC 60947-2
[Ith] conventional free air
thermal current
14 A IEC 60947-4-1
[Uimp] rated impulse withstand
voltage
6 kV IEC 60947-2
Power dissipation per pole
2.5 W
Mechanical durability
100000 cycles
Electrical durability
100000 cycles AC-3 415 V
415 V
Maximum operating rate
25 cyc/h
Rated duty
Continuous IEC 60947-4-1
Tightening torque
15.05 lbf.in (1.7 N.m) screw clamp terminals
Phase failure sensitivity
Yes IEC 60947-4-1
Height
3.50 in (89 mm)
Width
1.77 in (45 mm)
Depth
3.09 in (78.5 mm)
Net Weight
0.57 lb(US) (0.26 kg)
Color
Dark grey
Suitability for isolation
Yes IEC 60947-1
Environment
Standards
EN/IEC 60947-2
EN/IEC 60947-4-1
Product Certifications
CCC
UL
CSA
EAC
ATEX
BV
LROS (Lloyds register of shipping)
UKCA
DNV-GL
RINA
Climatic withstand
IACS E10
IK degree of protection
IK04
IP degree of protection
IP20 IEC 60529
Ambient Air Temperature for
Storage
-40…176 °F (-40…80 °C)
Fire resistance
1760 °F (960 °C) IEC 60695-2-1
Operating altitude
6561.68 ft (2000 m)
Ambient air temperature for
operation
-4…140 °F (-20…60 °C)
Ordering and shipping details
Category
22367-MANUAL STR PROTECTOR - GV2
Discount Schedule
I11
GTIN
3389110343175
Nbr. of units in pkg.
1
2
May 11, 2022



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com