Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG308B Datasheet(PDF) 4 Page - Vishay Siliconix

Part # DG308B
Description  Improved Quad CMOS Analog Switches
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG308B Datasheet(HTML) 4 Page - Vishay Siliconix

  DG308B Datasheet HTML 1Page - Vishay Siliconix DG308B Datasheet HTML 2Page - Vishay Siliconix DG308B Datasheet HTML 3Page - Vishay Siliconix DG308B Datasheet HTML 4Page - Vishay Siliconix DG308B Datasheet HTML 5Page - Vishay Siliconix DG308B Datasheet HTML 6Page - Vishay Siliconix DG308B Datasheet HTML 7Page - Vishay Siliconix DG308B Datasheet HTML 8Page - Vishay Siliconix DG308B Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
www.vishay.com
4
Document Number: 70047
S11-0303-Rev. G, 28-Feb-11
Vishay Siliconix
DG308B, DG309B
Notes:
a. Refer to PROCESS OPTION FLOWCHART .
b. Room = 25 °C, Full = as determined by the operating temperature suffix.
c. Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing.
d. The algebraic convention whereby the most negative value is a minimum and the most positive a maximum, is used in this data sheet.
e. Guaranteed by design, not subject to production test.
f. VIN = input voltage to perform proper function.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONSa (for Single Supply)
Parameter
Symbol
Test Conditions
Unless Specified
V+ = 12 V, V- = 0 V
VIN = 11 V, 3.5 V
f
Temp.b
Typ.c
A Suffix
- 55 °C to 125 °C
D Suffix
- 40 °C to 85 °C
Unit
Min.d
Max.d
Min.d
Max.d
Analog Switch
Analog Signal Rangee
VANALOG
Full
0
12
0
12
V
Drain-Source
On-Resistance
RDS(on)
VD = 3 V, 8 V, IS = 1 mA
Room
Full
90
160
200
160
200
Dynamic Characteristics
Turn-On Time
tON
VS = 8 V, see figure 2
Room
300
300
ns
Turn-Off Time
tOFF
Room
200
200
Charge Injection
Q
CL = 1 nF, Vgen = 6 V, Rgen = 0 
Room
4
pC
Power Supply
Positive Supply Current
I+
VIN = 0 V or 12 V
Room
Full
1
5
1
5
µA
Negative Supply Current
I-
Room
Full
- 1
- 5
- 1
- 5
Power Supply Range for
Continuous Operation
VOP
Full
4
44
4
44
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com