Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSK5010-5HTD Datasheet(PDF) 2 Page - M.S. Kennedy Corporation

Part # MSK5010-5HTD
Description  HIGH CURRENT, SUPER LOW DROPOUT FIXED VOLTAGE REGULATORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK5010-5HTD Datasheet(HTML) 2 Page - M.S. Kennedy Corporation

  MSK5010-5HTD Datasheet HTML 1Page - M.S. Kennedy Corporation MSK5010-5HTD Datasheet HTML 2Page - M.S. Kennedy Corporation MSK5010-5HTD Datasheet HTML 3Page - M.S. Kennedy Corporation MSK5010-5HTD Datasheet HTML 4Page - M.S. Kennedy Corporation MSK5010-5HTD Datasheet HTML 5Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PART 7
NUMBER
IOUT=100mA; VIN=VOUT+3V
IOUT= 0A
IOUT=10A
VIN=VOUT+3V
100mA ≤ IOUT ≤ 9A
(VOUT +1.5V) ≤ VIN ≤ (VOUT+15V)
IOUT=100mA
VEN=VIN; VIN=VOUT+3V; IOUT=0A
VEN=0V; VIN=VOUT+3V; IOUT=0A
f=120Hz
Junction to Case
To within 10mV
Output Voltage Tolerance
Dropout Voltage 2
Load Regulation
Line Regulation
Quiescent Current
Ripple Rejection 2
Thermal Resistance 2
Enable Input Voltage 2
Enable Input Current 2
Output Settling Time 2
8
HIGH
LOW
HIGH
LOW
VIN
VEN
IOUT
TJ
Parameter
MSK 5010 SERIES
MSK 5010B/E SERIES
Input Voltage
Enable Voltage
Output Current
Junction Temperature
36V
-0.3V to 36V
10A within SOA
+175°C
TST
TLD
TC
Storage Temperature Range
Lead Temperature Range
(10 Seconds)
Case Operating Temperature
MSK5010 Series
MSK5010B/E Series
ELECTRICAL SPECIFICATIONS
ABSOLUTE MAXIMUM RATINGS
-65°C to +150°C
300°C
-40°C to +85°C
-55°C to +125°C
3
Test Conditions
1
2
NOTES:
Output decoupled to ground using 47µF minimum capacitor unless otherwise specified.
Guaranteed by design but not tested. Typical parameters are representative of actual device
performance but are for reference only.
All output parameters are tested using a low duty cycle pulse to maintain TJ = TC.
Industrial grade and "E" suffix devices shall be tested to subgroup 1 unless otherwise specified.
Military grade devices ('B' suffix) shall be 100% tested to subgroups 1,2 and 3.
Subgroup 1
Subgroup 2
Subgroup 3
Please consult the factory if alternate output voltages are required.
After application of enable pulse
+12.0V
MSK5010-3.3
MSK5010-5.0
MSK5010-12
+3.3V
+5.0V
OUTPUT
VOLTAGE
TA=TC=+25°C
TA=TC=+125°C
TA=TC= -55°C
Group A
Subgroup
1
2,3
1
1
1
2,3
1
2,3
1,2,3
1,2,3
-
-
1
1
1
1
-
Min.
-
-
-
-
-
-
-
-
-
-
-
-
2.4
-
-
-
-
Typ.
±0.3
±1.0
0.002
0.45
±0.5
±0.5
±0.3
±0.5
4.5
0.15
45
0.7
1.2
1.2
12.5
0.8
5
Max.
±1.5
±2.0
0.010
0.75
±1.0
±2.0
±1.0
±1.0
10
5.0
-
0.8
-
0.8
50
25
-
Min.
-
-
-
-
-
-
-
-
-
-
-
-
2.4
-
-
-
-
Typ.
±0.5
-
0.002
0.5
±0.5
-
±0.5
-
4.5
0.15
45
0.7
1.2
1.2
20
10
5
Max.
±1.5
-
0.015
1.0
±1.5
-
±1.5
-
10
5.0
-
1.0
-
0.8
50
25
-
Units
%
%
V
V
%
%
%
%
mA
µA
dB
°C/W
V
V
µA
µA
µS
2
2
Rev. H 10/02
3
4
5
6
7
8



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com