Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3213136 Datasheet(PDF) 13 Page - PHOENIX CONTACT

Part # 3213136
Description  Bolt connection terminal block - RBO 8 BU
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3213136 Datasheet(HTML) 13 Page - PHOENIX CONTACT

Back Button 3213136 Datasheet HTML 7Page - PHOENIX CONTACT 3213136 Datasheet HTML 8Page - PHOENIX CONTACT 3213136 Datasheet HTML 9Page - PHOENIX CONTACT 3213136 Datasheet HTML 10Page - PHOENIX CONTACT 3213136 Datasheet HTML 11Page - PHOENIX CONTACT 3213136 Datasheet HTML 12Page - PHOENIX CONTACT 3213136 Datasheet HTML 13Page - PHOENIX CONTACT 3213136 Datasheet HTML 14Page - PHOENIX CONTACT 3213136 Datasheet HTML 15Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
https://www.phoenixcontact.com/pi/products/3213136
09/12/2020   Page 13 / 15
Bolt connection terminal block - RBO 8 BU - 3213136
Accessories
Zack Marker strip, flat - ZBF10 CUS - 0825031
Zack Marker strip, flat, can be ordered: Strip, white, labeled according to customer specifications, mounting type:
snap into flat marker groove, for terminal block width: 10 mm, lettering field size: 5.15 x 10 mm, Number of individual
labels: 10
 
 
Zack Marker strip, flat - ZBF10,LGS:FORTL.ZAHLEN - 0810009
Zack Marker strip, flat, Strip, white, labeled, printed horizontally: consecutive numbers 1 ... 10, 11 ... 20, etc. up to
91 ... 100, mounting type: snap into flat marker groove, for terminal block width: 10 mm, lettering field size: 5.15 x 10
mm, Number of individual labels: 10
 
 
Zack Marker strip, flat - ZBF10,QR:FORTL.ZAHLEN - 0810025
Zack Marker strip, flat, Strip, white, labeled, Printed vertically: consecutive numbers 1 ... 10, 11 ... 20, etc. up to 91 ...
100, mounting type: snap into flat marker groove, for terminal block width: 10 mm, lettering field size: 5.15 x 10 mm,
Number of individual labels: 10
 
 
Marker for terminal blocks - UC-TMF 10 CUS - 0824662
Marker for terminal blocks, can be ordered: by sheet, white, labeled according to customer specifications, mounting
type: snap into flat marker groove, for terminal block width: 10.2 mm, lettering field size: 9.6 x 5.1 mm, Number of
individual labels: 48
 
 
Marker for terminal blocks - UCT-TMF 10 CUS - 0829679
Marker for terminal blocks, can be ordered: by sheet, white, labeled according to customer specifications, mounting
type: snap into flat marker groove, for terminal block width: 10.2 mm, lettering field size: 9.4 x 4.7 mm, Number of
individual labels: 36
 
 
Planning and marking software



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com