Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74F158ASC Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 74F158ASC
Description  Quad 2-Input Multiplexer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

74F158ASC Datasheet(HTML) 4 Page - National Semiconductor (TI)

  74F158ASC Datasheet HTML 1Page - National Semiconductor (TI) 74F158ASC Datasheet HTML 2Page - National Semiconductor (TI) 74F158ASC Datasheet HTML 3Page - National Semiconductor (TI) 74F158ASC Datasheet HTML 4Page - National Semiconductor (TI) 74F158ASC Datasheet HTML 5Page - National Semiconductor (TI) 74F158ASC Datasheet HTML 6Page - National Semiconductor (TI) 74F158ASC Datasheet HTML 7Page - National Semiconductor (TI) 74F158ASC Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
AC Electrical Characteristics
74F
54F
74F
TA ea25 C
TA VCC e Mil
TA VCC e Com
Symbol
Parameter
VCC ea50V
CL e 50 pF
CL e 50 pF
Units
CL e 50 pF
Min
Typ
Max
Min
Max
Min
Max
tPLH
Propagation Delay
30
55
85
30
105
30
95
ns
tPHL
StoZn
25
45
65
25
80
25
70
tPLH
Propagation Delay
25
45
60
25
80
25
70
ns
tPHL
E to Zn
20
40
60
20
70
20
65
tPLH
Propagation Delay
25
40
59
25
85
25
70
ns
tPHL
In to Zn
15
25
40
10
50
15
45
Ordering Information
The device number is used to form part of a simplified purchasing code where the package type and temperature range are
defined as follows
74F
158A
S
C
X
Temperature Range Family
Special Variations
74FeCommercial
QB e Military grade device with
54FeMilitary
environmental and burn-in
processing
Device Type
X e Devices shipped in 13 reel
Package Code
Temperature Range
P e Plastic DIP
CeCommercial (0 Cto a70 C)
D e Ceramic DIP
MeMilitary (b55 Cto a125 C)
F e Flatpak
L e Leadless Chip Carrier (LCC)
S e Small Outline SOIC JEDEC
SJ e Small Outline SOIC EIAJ
4



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com