Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM3K72KFS Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # SSM3K72KFS
Description  MOSFETs Silicon N-Channel MOS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

SSM3K72KFS Datasheet(HTML) 1 Page - Toshiba Semiconductor

  SSM3K72KFS Datasheet HTML 1Page - Toshiba Semiconductor SSM3K72KFS Datasheet HTML 2Page - Toshiba Semiconductor SSM3K72KFS Datasheet HTML 3Page - Toshiba Semiconductor SSM3K72KFS Datasheet HTML 4Page - Toshiba Semiconductor SSM3K72KFS Datasheet HTML 5Page - Toshiba Semiconductor SSM3K72KFS Datasheet HTML 6Page - Toshiba Semiconductor SSM3K72KFS Datasheet HTML 7Page - Toshiba Semiconductor SSM3K72KFS Datasheet HTML 8Page - Toshiba Semiconductor SSM3K72KFS Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
SSM3K72KFS
1
MOSFETs Silicon N-Channel MOS
SSM3K72KFS
Start of commercial production
2016-01
1. Applications
•
High-Speed Switching
2. Features
(1)
AEC-Q101 qualified (Please see the orderable part number list)
(2)
Low drain-source on-resistance
: RDS(ON) = 1.05 Ω (typ.) (@VGS = 10 V)
RDS(ON) = 1.15 Ω (typ.) (@VGS = 5.0 V)
RDS(ON) = 1.2 Ω (typ.) (@VGS = 4.5 V)
3. Packaging and Internal Circuit
SSM
1: Gate
2: Source
3: Drain
4. Orderable part number
Orderable part number
SSM3K72KFS,LF
SSM3K72KFS,LXGF
SSM3K72KFS,LXHF
AEC-Q101
�
YES
YES
(Note 1)
Note
General Use
Unintended Use
Automotive Use
(Note 1)
Note 1: For more information, please contact our sales or use the inquiry form on our website.
2021-06-03
Rev.6.0
©2016-2021
Toshiba Electronic Devices & Storage Corporation


Similar Part No. - SSM3K72KFS

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM3K72KFS TOSHIBA-SSM3K72KFS Datasheet
247Kb / 9P
MOSFETs Silicon N-Channel MOS
More results

Similar Description - SSM3K72KFS

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TK8A25DA TOSHIBA-TK8A25DA Datasheet
234Kb / 9P
MOSFETs Silicon N-Channel MOS (?-MOS??
TK13A25D TOSHIBA-TK13A25D Datasheet
234Kb / 9P
MOSFETs Silicon N-Channel MOS (?-MOS??
TK12A65D TOSHIBA-TK12A65D Datasheet
268Kb / 9P
MOSFETs Silicon N-Channel MOS (?-MOS??
TK70J20D TOSHIBA-TK70J20D Datasheet
231Kb / 9P
MOSFETs Silicon N-Channel MOS (?-MOS??
SSM6N55NU TOSHIBA-SSM6N55NU_14 Datasheet
240Kb / 9P
MOSFETs Silicon N-Channel MOS
TK10A80E TOSHIBA-TK10A80E Datasheet
225Kb / 9P
MOSFETs Silicon N-Channel MOS (?-MOS??
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com