Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8581SEFT Datasheet(PDF) 13 Page - Wolfson Microelectronics plc

Part # WM8581SEFT
Description  Multichannel CODEC with S/PDIF Transceiver
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8581SEFT Datasheet(HTML) 13 Page - Wolfson Microelectronics plc

Back Button WM8581SEFT Datasheet HTML 9Page - Wolfson Microelectronics plc WM8581SEFT Datasheet HTML 10Page - Wolfson Microelectronics plc WM8581SEFT Datasheet HTML 11Page - Wolfson Microelectronics plc WM8581SEFT Datasheet HTML 12Page - Wolfson Microelectronics plc WM8581SEFT Datasheet HTML 13Page - Wolfson Microelectronics plc WM8581SEFT Datasheet HTML 14Page - Wolfson Microelectronics plc WM8581SEFT Datasheet HTML 15Page - Wolfson Microelectronics plc WM8581SEFT Datasheet HTML 16Page - Wolfson Microelectronics plc WM8581SEFT Datasheet HTML 17Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 94 page
background image
Product Preview
WM8581
w
PP Rev 1.0 March 2006
13
DIGITAL AUDIO INTERFACE – MASTER MODE
PAIFRX_BCLK/
PAIFTX_BCLK/
SAIF_BCLK
(Output)
DOUT/
SAIF_DOUT
PAIFRX_LRCLK/
PAIFTX_LRCLK/
SAIF_LRCLK
(Outputs)
t
DL
DIN1/2/3/4
SAIF_DIN
t
DDA
t
DHT
t
DST
Figure 2 Digital Audio Data Timing – Master Mode
Test Conditions
AVDD, PVDD, VREFP = 5V, DVDD = 3.3V, AGND, VREFN, PGND, DGND = 0V, TA = +25
oC, Master Mode, fs = 48kHz, MCLK
and ADCMCLK = 256fs unless otherwise stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Audio Data Input Timing Information
PAIFTX_LRCLK/
PAIFRX_LRCLK/
SAIF_LRCLK propagation
delay from PAIFTX_BCLK/
PAIFRX_BCLK/
SAIF_BCLK falling edge
tDL
0
10
ns
DOUT/SAIF_DOUT
propagation delay from
PAIFTX_BCLK/
SAIF_BCLK falling edge
tDDA
0
10
ns
DIN1/2/3/4/SAIF_DIN setup
time to
PAIFRX_BCLK/SAIF_BCLK
rising edge
tDST
10
ns
DIN1/2/3/4/SAIF_DIN hold
time from
PAIFRX_BCLK/SAIF_BCLK
rising edge
tDHT
10
ns
Table 4 Digital Audio Data Timing – Master Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com