Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSK643B Datasheet(PDF) 3 Page - M.S. Kennedy Corporation

Part # MSK643B
Description  WIDE BANDWIDTH, VERY HIGH VOLTAGE CRT VIDEO AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK643B Datasheet(HTML) 3 Page - M.S. Kennedy Corporation

  MSK643B Datasheet HTML 1Page - M.S. Kennedy Corporation MSK643B Datasheet HTML 2Page - M.S. Kennedy Corporation MSK643B Datasheet HTML 3Page - M.S. Kennedy Corporation MSK643B Datasheet HTML 4Page - M.S. Kennedy Corporation MSK643B Datasheet HTML 5Page - M.S. Kennedy Corporation MSK643B Datasheet HTML 6Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TYPICAL TEST CIRCUIT
The signal source in Figure 1 can be either a fast pulse gen-
erator or a network analyzer as long as the output impedance is
50 ohms. The DC level of the input should be -1.55V and all
cables should be kept as short as possible. Since total load
capacitance should be kept below 8.5pF, a FET probe should
be used on the ouput.
USING THE MSK 643
The output of the amplifier is biased at one half of the power
supply voltage. An output voltage swing of ±35 volts is typi-
cal with a power supply voltage of -80 volts. With an 8.5pF
capacitive load, transistion times are in the 2.5nS range. If a
spark gap current limiting resistor is used on the output of the
amplifier and the transistion times are degraded, a peaking coil
may be used to preserve system performance. The optimum
value for this coil will be in the range of 100 to 200nH and can
best be determined by trial and error. The output of the MSK
643 is not short circuit protected, therefore, purely resistive
loads should be no less than 800 ohms at any time to avoid
damaging the output.
OPERATION CONSIDERATIONS
The input of the MSK 643 rests at a -1.55VDC level with the
input terminal open. In this state, the output rests at one half
of the power supply voltage. When connecting a pulse genera-
tor to the input of the amplifier, the DC level should be offset
so that the signal is centered around -1.55V. During character-
ization, the input should be coupled to the MSK 643 through a
parallel combination of a variable resistor and variable capacitor
peaking circuit. Optimum values for the peaking circuit can be
determined experimentally. The optimum value of load capaci-
tance is 8.5pF. Viewing the output with a normal oscilloscope
probe would seriously degrade performance. A FET probe fit-
ted with a 100:1 voltage divider will add only approximately
1.5pF of capacitance to the load and is highly recommended.
An experimental circuit along with recommended values can be
found in Figure 2.
APPLICATION NOTES
OUTPUT ISSUES
The output of the MSK 643 is a pair of bipolar emitter follow-
ers configured in a complimentary push pull configuration. This
configuration eliminates the need for a pull up load resistor and
makes the amplifier less susceptible to load capacitance varia-
tions. Connecting a wire or cable from the output of the ampli-
fier to the CRT grid can create a resonant circuit which can
cause unwanted oscillations or overshoot at its resonant fre-
quency. A damping resistor in series with the lead inductance
will alleviate this condition. The optimum value of this resistor
can be determined using the following formula:
R = 2*
√L/C
This resistor also doubles as an arcing protector. In the bread-
boarding stage, the value of this resistor should be determined
experimentally. Resistance in the range of 50 to 100 ohms is
usually sufficient.
If a quick, simple peaking network is de-
sired, a 300 ohm cable terminated by a capacitor will act like an
inductor in the frequency range involved.
HEAT SINKING
The MSK 643 requires heat sinking in most applications. The
following formula may be applied to determine if a heat sink is
necessary and what size and type to use.
Rθsa = ((Tj-Ta)/Pd ) - (Rθjc) - (Rθcs)
WHERE
Tj = Junction Temperature
Pd = Total power dissipation
Rθjc = Junction to case thermal resistance
Rθcs = Case to heat sink thermal resistance
Rθsa = Heat sink to ambient thermal resistance
Tc = Case temperature
Ta = Ambient temperature
Ts = Sink temperature
EXAMPLE
Tj = 150°C
Ta = 100°C
Pd = 1.5W
Rθjc = 27°C/W
Rθcs = 0.15°C/W
Solving the above equation for Rθsa (heat sink thermal conduc-
tivity) shows that the heat sink for this application must have a
thermal resistance of no more than 6.0°C/W to maintain a junc-
tion temperature of no more than 150°C.
TRANSIMPEDANCE AMPLIFICATION
Transimpedance amplifiers relate input current to output volt-
age. The MSK 643 contains an internal 4K
Ω feedback resistor.
This resistor converts input current to output voltage in the
following manner (See Figure 1):
±1.43V (referenced to -1.55Vdc) across the 300
Ω input
resistor results in an input current of ±4.77mA. This current
flows through the 4K
Ω feedback resistor and results approxi-
mately in a ±20V swing at the output. The actual voltage gain
of the typical MSK 643 circuit may be slightly less due to tran-
sistor losses. The following formula approximates voltage gain
including potential losses:
Voltage Gain (V/V) = 4K
Ω/(Rin + L)
L
≈ 25Ω
Rev. D 10/05
3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com