Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSK690 Datasheet(PDF) 2 Page - M.S. Kennedy Corporation

Part # MSK690
Description  HIGH VOLTAGE AMPLIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK690 Datasheet(HTML) 2 Page - M.S. Kennedy Corporation

  MSK690 Datasheet HTML 1Page - M.S. Kennedy Corporation MSK690 Datasheet HTML 2Page - M.S. Kennedy Corporation MSK690 Datasheet HTML 3Page - M.S. Kennedy Corporation MSK690 Datasheet HTML 4Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
-VCC
+VHV
VOUT=+50VDC Nominal
AV=100V/V
RL=10KΩ
RL=10KΩ
RL=10KΩ
f=1KHz
VO=24Vpp
Group A
Subgroup
-
-
1
2,3
1
2,3
1
2,3
1
2,3
1
2,3
4
4
-
4
-
-
Output Offset Voltage
Input Offset Current
Input Bias Current
Supply Voltage Range
Storage Temperature
Lead Temperature
(10 Seconds)
Case Operating Temperature
(MSK690B)
(MSK690)
Junction Temperature
Supply Voltage
High Voltage Supply
Differential Input Voltage
Output Current
Thermal Resistance
(Output Devices)
-65°C to +150°C
300°C
-55°C to +125°C
-40°C to +85°C
150°C
-20V
+75V
15V
100mA
42°C/W
ABSOLUTE MAXIMUM RATINGS
TST
TLD
TC
TJ
-VCC
+VHV
VIND
IOUT
RθJC
1
2
3
4
5
6
Unless otherwise specified, -VCC=-15V, +VHV=+65V, AV=10V/V.
Guaranteed by design but not tested. Typical parameters are for reference only.
Industrial grade devices shall be tested to subgroups 1 and 4 unless otherwise requested.
Military grade devices ('B' suffix) shall be 100% tested to subgroups 1,2,3 and 4.
Subgroup 5 and 6 testing available upon request.
Subgroup 1,4 TC=+25°C
Subgroup 2,5
TC=+125°C
Subgroup 3,6 TA=-55°C
NOTES:
STATIC
INPUT
OUTPUT
Output Voltage (High)
Output Voltage (Low)
Output Current
TRANSFER CHARACTERISTICS
Slew Rate
Open Loop Voltage Gain
Bandwidth (-3dB)
Typ.
-15
+65
20
20
40
45
±50
±100
±50
±50
±0.1
±0.1
60
5.0
100
2000
65
35
Min.
-12
+40
-
-
-
-
-
-
-
-
-
-
55
-
75
1200
55
20
Max.
-18
+75
27
-
55
-
±250
-
±150
-
±0.7
-
-
7.0
-
-
-
-
Typ.
-15
+65
20
-
40
-
±50
-
±50
-
±0.1
-
60
5.0
100
2000
65
35
MSK690B
MSK690
Parameter
Max.
-18
+75
27
30
55
60
±195
±250
±100
±200
±0.7
±1.0
-
7.0
-
-
-
-
Test Conditions
ELECTRICAL SPECIFICATIONS
1
2
2
2
Min.
-12
+40
-
-
-
-
-
-
-
-
-
-
55
-
75
1200
55
20
Units
V
V
mA
mA
mA
mA
µA
µA
µA
µA
V
V
V
V
mA
V/µS
dB
MHz
Quiescent Current
-VCC=-15V
VIN=0V
+VHV=+65V
VIN=0V
2
Rev. A 8/00
2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com