Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSK738E Datasheet(PDF) 3 Page - M.S. Kennedy Corporation

Part # MSK738E
Description  INVERTING OPERATIONAL AMPLIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK738E Datasheet(HTML) 3 Page - M.S. Kennedy Corporation

  MSK738E Datasheet HTML 1Page - M.S. Kennedy Corporation MSK738E Datasheet HTML 2Page - M.S. Kennedy Corporation MSK738E Datasheet HTML 3Page - M.S. Kennedy Corporation MSK738E Datasheet HTML 4Page - M.S. Kennedy Corporation MSK738E Datasheet HTML 5Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
APPLICATION NOTES
HEAT SINKING
To determine if a heat sink is necessary for your application and
if so, what type, refer to the thermal model and governing equation
below.
Governing Equation:
Example:
This example demonstrates a worst case analysis for the op-amp
output stage. This occurs when the output voltage is 1/2 the power
supply voltage. Under this condition, maximum power transfer oc-
curs and the output is under maximum stress.
Conditions:
VCC=±16VDC
VO=±8Vp Sine Wave, Freq.=1KHz
RL=100
Ω
For a worst case analysis we will treat the +8Vp sine wave
as an 8VDC output voltage.
1.) Find Driver Power Dissipation
PD=(VCC-VO) (VO/RL)
=(16V-8V) (8V/100
Ω)
=0.64W
2.) For conservative design, set TJ=+125°C
3.) For this example, worst case TA=+90°C
4.) R
θJC=46°C/W from MSK 738B Data Sheet
5.) R
θCS=0.15°C/W for most thermal greases
6.) Rearrange governing equation to solve for R
θSA
R
θSA=((TJ-TA)/PD) - (RθJC) - (RθCS)
=((125°C -90°C)/0.64W) - 45°C/W - 0.15°C/W
=54.7 - 46.15
=8.5°C/W
Rev. B 6/03
3
TJ=PD x (R
θJC + RθCS + RθSA) + TA
Where
TJ=Junction Temperature
PD=Total Power Dissipation
R
θJC=Junction to Case Thermal Resistance
R
θCS=Case to Heat Sink Thermal Resistance
R
θSA=Heat Sink to Ambient Thermal Resistance
TC=Case Temperature
TA=Ambient Temperature
TS=Sink Temperature
Potentiometer values ranging from 1K
Ω to 1MΩ can be used with
only a small amount of degradation (typically 0.15 to 0.25µV/°C) of
input offset voltage drift. If the input offset voltage is to be trimmed
to a value other than "zero", the following formula can be used to
approximate the change in input offset voltage drift:
∆VOSD=VOS (trimmed)/250
Recommended External Component Selection Guide
APPROXIMATE
DESIRED GAIN
RI(+)
RI(-)
Rf(Ext)
Cf
-1
499
Ω
1K
Ω
1K
Ω
-2
330
Ω
499
Ω
1K
Ω
-5
169
Ω
200
Ω
1K
Ω
-8
100
Ω
124
Ω
1K
Ω
90.9
Ω
100
Ω
1K
Ω
-20
-10
100
Ω
100
Ω
2K
Ω
1 The positive input resistor is selected to minimize any bias current induced offset
voltage.
2 The feedback capacitor will help compensate for stray input capacitance. The value of
this capacitor can be dependent on individual applications. A 2 to 9 pf capacitor is
usually optimum for most applications.
Thermal Model:
The heat sink in this example must have a thermal resistance of
no more than 8.5°C/W to maintain a junction temperature of no
more than +125°C.
OFFSET NULL
Typically, the MSK 738(B) has an input offset voltage of less than
±25µV. If it is desirable to adjust the offset closer to "zero", or to
a value other than "zero", the circuit below is recommended. RP
should be a ten-turn 10K
Ω potentiometer. Typical offset adjust is
±5mV.
2
2
2
2
2
2
1
1
1
1
1
1
1µf
1µf
1µf
1µf
1µf
1µf
C1



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com