Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSK801 Datasheet(PDF) 2 Page - M.S. Kennedy Corporation

Part # MSK801
Description  FET INPUT DIFFERENTIAL OPERATIONAL AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK801 Datasheet(HTML) 2 Page - M.S. Kennedy Corporation

  MSK801 Datasheet HTML 1Page - M.S. Kennedy Corporation MSK801 Datasheet HTML 2Page - M.S. Kennedy Corporation MSK801 Datasheet HTML 3Page - M.S. Kennedy Corporation MSK801 Datasheet HTML 4Page - M.S. Kennedy Corporation MSK801 Datasheet HTML 5Page - M.S. Kennedy Corporation MSK801 Datasheet HTML 6Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Input Offset Voltage
Input Offset Voltage Drift
Output Current
Output Voltage Swing
Full Power Bandwidth
Bandwidth (Small Signal)
Slew Rate Limit (Pulsed)
Large Signal Voltage Gain
Settling Time to 1%
Settling Time to 0.1%
Settling Time to 0.01%
Power Supply Rejection Ratio
Common Mode Rejection Ratio
Input Noise Voltage
Equivalent Input Noise
Gain Bandwidth Product
Slew Rate (Sine Wave)
Thermal Resistance
Supply Voltage
Input Voltage
Differential Input Voltage
Case Operating Temperature Range
(MSK 801)
(MSK801B/E)
Storage Temperature Range
-65°C to +150°C
Lead Temperature Range
300°C
(10 Seconds Soldering)
Power Dissipation
See Curve
Peak Output Current
±200mA
Group A
Subgroup
1
2,3
1
2,3
1
2,3
1
2,3
4
4
4
4
4
4
4
4
-
-
-
-
-
-
-
-
mA
mA
mV
µV/°C
pA
nA
pA
nA
mA
V
MHz
MHz
V/µS
dB
nS
nS
nS
dB
dB
µVRMS
nV/
√Hz
MHz
V/µS
°C/W
VIN=0V
VIN=0V
RL=100
Ω VOUT=±10V
RL=100
Ω f ≤ 10MHz
RL=100
Ω VO=±10V
RL=510
Ω
RL=100
Ω VO=±10V
RL=1K
Ω VO±10V
RL=100
Ω VIN=10V
RL=100
Ω VIN=10V
RL=100
Ω VIN=10V
∆VCC=±5V
∆VIN=±10V
f=10Hz to 1KHz
f=1KHz
RL=510
Ω AV=-20
RL=100
Ω VO=±10V
Junction to Case @ 125°C
+18V
±VCC
±30V
-40°C to +125°C
-55°C to +125°C
±VCC
VIN
TC
Parameter
TST
TLD
PD
IOUT
ELECTRICAL SPECIFICATIONS
ABSOLUTE MAXIMUM RATINGS
Test Conditions
NOTES:
AV= -1, measured in false summing junction circuit.
Guaranteed by design but not tested. Typical parameters are representative of actual device performance
but are for reference only.
Industrial grade and "E" suffix devices shall be tested to subgroups 1 and 4 unless otherwise specified.
Military grade devices ("B" suffix) shall be 100% tested to subgroups 1,2,3 and 4.
Subgroups 5 and 6 testing available upon request.
Subgroup 1,4
Subgroup 2
Subgroup 3
Consult DSCC SMD 5962-91574 for electrical specifications for devices purchased as such.
Continuous operation at or above absolute maximum ratings may adversely effect the device performance
and/or life cycle.
TA=TC=+25°C
TA=TC=+125°C
TA=TC=-55°C
MSK 801B/E
Min.
-
-
-
-
-
-
-
-
±100
±10
10
100
650
50
-
-
-
60
70
-
-
200
-
-
Typ.
±25
±27
±0.5
±10
±50
±0.2
10
0.1
±120
±11.5
12
125
750
70
40
60
200
70
80
1.5
40
250
700
65
Max.
±30
±32
±5
±50
±500
±10
500
5
-
-
-
-
-
-
55
75
-
-
-
-
-
-
-
75
Typ.
±25
-
±0.5
±10
±50
-
10
-
±120
±11.5
12
125
750
70
40
60
200
70
80
1.5
40
250
700
65
MSK 801
Min.
-
-
-
-
-
-
-
-
±100
±10
8
90
550
50
-
-
-
55
65
-
-
200
-
-
Max.
±35
-
±10
-
±750
-
750
-
-
-
-
-
-
-
65
85
-
-
-
-
-
-
-
80
Units
Rev. C 8/05
2
±Vcc=±15V Unless Otherwise Specified
1
5
3
4
2
6
Quiescent Current
Input Bias Current
Input Offset Current
VIN=0V
2
2
1
2
2
1
2
2
2
1
2
2
7
8
2
8



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com