Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSK739 Datasheet(PDF) 2 Page - M.S. Kennedy Corporation

Part # MSK739
Description  ULTRA-ACCURATE/HIGH SLEW RATE INVERTING OPERATIONAL AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK739 Datasheet(HTML) 2 Page - M.S. Kennedy Corporation

  MSK739 Datasheet HTML 1Page - M.S. Kennedy Corporation MSK739 Datasheet HTML 2Page - M.S. Kennedy Corporation MSK739 Datasheet HTML 3Page - M.S. Kennedy Corporation MSK739 Datasheet HTML 4Page - M.S. Kennedy Corporation MSK739 Datasheet HTML 5Page - M.S. Kennedy Corporation MSK739 Datasheet HTML 6Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
STATIC
Supply Voltage Range
Quiescent Current
Thermal Resistance
INPUT
Input Offset Voltage
Input Offset Voltage Drift
Input Bias Current
Input Offset Current
Input Impedance
Power Supply Rejection Ratio
Input Noise Voltage
Input Noise Voltage Density
Input Noise Current Density
OUTPUT
Output Voltage Swing
Output Current
Settling Time
1
Full Power Bandwidth
Bandwidth (Small Signal)
TRANSFER CHARACTERISTICS
Slew Rate
Supply Voltage
Peak Output Current
Differential Input Voltage
Thermal Resistance
Junction to Case
Output Devices Only
Storage Temperature Range
-65°C to +150°C
Lead Temperature Range
300°C
(10 Seconds Soldering)
Power Dissipation
See Curve
Junction Temperature
150°C
Case Operating Temperature Range
(MSK739B/E)
-55°C to+125°C
(MSK739)
-25°C to +85°C
Group A
Subgroup
-
1
2,3
-
1
2,3
1
2,3
1
2,3
-
-
-
-
-
4
4
-
4
-
4
4
V
mA
mA
°C/W
µV
µV/°C
nA
nA
nA
nA
MΩ
µV/V
µVp-p
nV√Hz
pA√Hz
V
mA
nS
MHz
MHz
V/µS
Vin=0V
Av=-1V/V
Output Devices Junction to Case
Vin=0V Av=-100V/V
Vin=0V
Vcm=0V
Either Input
Vcm=0V
F=DC Differential
∆Vcc=±5V
F= 0.1Hz To 10Hz
F=1KHz
F=1KHz
RL=100Ω Av=-3V/V F≤10MHz
TJ<150°C
0.1% 10V step RL=1KΩ
RL=100Ω Vo=±10V
RL=100Ω
VOUT=±10V RL=1KΩ Av= -1.5V/V
+18V
±200mA
±12V
46°C/W
±VCC
IOUT
VIN
RTH
Parameter
TST
TLD
PD
TJ
TC
ELECTRICAL SPECIFICATIONS
ABSOLUTE MAXIMUM RATINGS
Test Conditions
NOTES:
AV= -1, measured in false summing junction circuit.
Guaranteed by design but not tested. Typical parameters are representative of actual device performance but are for reference only.
Industrial grade and "E" suffix devices shall be tested to subgroups 1 and 4 unless otherwise specified.
Military grade devices ("B" suffix) shall be 100% tested to subgroups 1,2,3 and 4.
Subgroups 5 and 6 testing available upon request.
Subgroup 1,4
Subgroup 2
Subgroup 3
Measurement taken 0.5 seconds after application of power using automatic test equipment.
TA=TC=+25°C
TA=TC=+125°C
TA=TC=-55°C
MSK 739B/E
Min.
±12
-
-
-
-
-
-
-
-
-
-
-
-
-
-
±10
±100
-
20
175
Typ.
±15
±35
±36
45
±25
±0.5
±10
±15
5
5
5
1
0.15
3.8
0.6
±12.5
±120
10
22
220
5500
Max.
±18
±37
±39
-
±75
±1.5
±40
±80
20
40
-
8
-
-
-
-
-
35
-
-
-
Typ.
±15
±37
-
48
±50
±0.75
±20
-
10
-
5
2
0.2
4
0.7
±12.5
±120
15
20
190
MSK 739
Min.
±12
-
-
-
-
-
-
-
-
-
-
-
-
-
-
±10
±100
-
15
165
3500
Max.
±18
±40
-
-
±100
±2.0
±60
-
30
-
-
20
-
-
-
-
-
45
-
-
-
Units
2
Rev. A 4/02
2
Open Loop Voltage Gain
RL=1KΩ F=1KHz VOUT=±10V
4000
4000
100
110
-
95
105
-
dB
2
2
2
2
2
7
2
2
±Vcc=±15V Unless Otherwise Specified
1
5
7
3
4
2
6
2
2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com