Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESS50 Datasheet(PDF) 1 Page - ETA-USA

Part # ESS50
Description  AC/DC SWITCHING POWER SUPPLY SINGLE CHANNEL OUTPUT 50 WATTS UNIVERSAL INPUT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETA-USA [ETA-USA]
Direct Link  https://www.eta-usa.com/
Logo ETA-USA - ETA-USA

ESS50 Datasheet(HTML) 1 Page - ETA-USA

  ESS50 Datasheet HTML 1Page - ETA-USA ESS50 Datasheet HTML 2Page - ETA-USA ESS50 Datasheet HTML 3Page - ETA-USA ESS50 Datasheet HTML 4Page - ETA-USA ESS50 Datasheet HTML 5Page - ETA-USA ESS50 Datasheet HTML 6Page - ETA-USA  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
ETA USA
16170 Vineyard Blvd. Suite 180, Morgan Hill, CA 95037
Visit us at: www.e
ta-usa.com
Phone: 1-800-ETA-POWR, (408) 778-2793 Fax: (408) 779-2753
email at: sales@eta-usa.com
RoHS
General Description
Features
1. Smaller than competitors by 15-20%
2. Operating temp shows full load at 50° C
(122° F), can operate at temperatures up to
71°C
3. Five-year guarantee
4. Over-current protection
5. Over-voltage protection
6. Remote Sensing (sense line) available
7. Can meet medical and appliance
standards
8. Low leakage < 500µA
Application
Broad needs
Input
Input Voltage:
Input Voltage Range:
Frequency:
Frequency Range:
Phase:
Inrush Current:
*1
AC100~240V
AC85~264V (DC110~350V)
50/60Hz
47~440Hz
Single
14A at 100V; 28A at 200V
AACC//DDCC SSW
WIITTCCHHIINNGG PPOOW
WEERR SSUUPPPPLLYY
SSIINNGGLLEE CCHHAANNNNEELL OOUUTTPPUUTT
5500 W
WAATTTTSS
UUNNIIVVEERRSSAALL IINNPPUUTT
ESS50 SERIES


Similar Part No. - ESS50

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
ESS58-IZ PF-ESS58-IZ Datasheet
349Kb / 4P
Singleturn absolute encoder
ESS58-PN PF-ESS58-PN Datasheet
336Kb / 3P
Singleturn absolute encoder
ESS58-PZ PF-ESS58-PZ Datasheet
339Kb / 4P
Singleturn absolute encoder
ESS58-TZ PF-ESS58-TZ Datasheet
292Kb / 4P
Singleturn absolute encoder
More results

Similar Description - ESS50

ManufacturerPart #DatasheetDescription
logo
ETA-USA
ESS15 ETA-USA-ESS15 Datasheet
4Mb / 7P
AC/DC SWITCHING POWER SUPPLY SINGLE CHANNEL OUTPUT 15 WATTS UNIVERSAL INPUT
ESS30 ETA-USA-ESS30 Datasheet
3Mb / 7P
AC/DC SWITCHING POWER SUPPLY SINGLE CHANNEL OUTPUT 30 WATTS UNIVERSAL INPUT
LRM-SX ETA-USA-LRM-SX Datasheet
422Kb / 5P
AC/DC SWITCHING POWER SUPPLY SINGLE CHANNEL OUTPUT 15 WATTS UNIVERSAL INPUT
OBH15S ETA-USA-OBH15S Datasheet
552Kb / 5P
AC/DC SWITCHING POWER SUPPLY SINGLE CHANNEL OUTPUT 15 WATTS UNIVERSAL INPUT
BJB-SA-U ETA-USA-BJB-SA-U Datasheet
648Kb / 4P
AC/DC SWITCHING POWER SUPPLY AC INPUT 85~132V SINGLE CHANNEL OUTPUT 50 WATTS
OBH40S ETA-USA-OBH40S Datasheet
686Kb / 7P
AC/DC SWITCHING POWER SUPPLY SINGLE CHANNEL OUTPUT 40 WATTS UNIVERSAL INPUT
OBH40T ETA-USA-OBH40T Datasheet
691Kb / 7P
AC/DC SWITCHING POWER SUPPLY TRIPLE CHANNEL OUTPUT 40 WATTS UNIVERSAL INPUT
ESS100 ETA-USA-ESS100 Datasheet
5Mb / 8P
AC/DC SWITCHING POWER SUPPLY SINGLE CHANNEL OUTPUT 100 WATTS UNIVERSAL INPUT
ESS150 ETA-USA-ESS150 Datasheet
3Mb / 6P
AC/DC SWITCHING POWER SUPPLY SINGLE CHANNEL OUTPUT 150 WATTS UNIVERSAL INPUT
BBS ETA-USA-BBS Datasheet
936Kb / 7P
AC/DC SWITCHING POWER SUPPLY SINGLE CHANNEL OUTPUT 300 WATTS UNIVERSAL INPUT
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com