Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESS75-3.3 Datasheet(PDF) 1 Page - ETA-USA

Part # ESS75-3.3
Description  AC/DC SWITCHING POWER SUPPLY SINGLE CHANNEL OUTPUT 75 WATTS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETA-USA [ETA-USA]
Direct Link  https://www.eta-usa.com/
Logo ETA-USA - ETA-USA

ESS75-3.3 Datasheet(HTML) 1 Page - ETA-USA

  ESS75-3.3 Datasheet HTML 1Page - ETA-USA ESS75-3.3 Datasheet HTML 2Page - ETA-USA ESS75-3.3 Datasheet HTML 3Page - ETA-USA ESS75-3.3 Datasheet HTML 4Page - ETA-USA ESS75-3.3 Datasheet HTML 5Page - ETA-USA ESS75-3.3 Datasheet HTML 6Page - ETA-USA ESS75-3.3 Datasheet HTML 7Page - ETA-USA  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
ETA USA
16170 Vineyard Blvd. Suite 180, Morgan Hill, CA 95037
Visit us at: www.e
ta-usa.com
Phone: 1-800-ETA-POWR, (408) 778-2793 Fax: (408) 779-2753
email at: sales@eta-usa.com
RoHS
General Description
Features
1. Smaller than competitors by 15-20%
2. Operating temp shows full load at 50° C
(122° F), can operate at temperatures up to
71°C
3. Five-year guarantee
4. Over-current protection
5. Over-voltage protection
6. Remote Sensing (sense line) available
7. Can meet medical and appliance
standards
8. Low leakage < 500µA
Application
Broad needs
Input
Input Voltage:
Input Voltage Range:
Frequency:
Frequency Range:
Phase:
Inrush Current:
*1
AC100~240V
AC85~264V (DC110~350V)
50/60Hz
47~440Hz
Single
14A at 100V; 28A at 200V
AACC//DDCC SSW
WIITTCCHHIINNGG PPOOW
WEERR
SSUUPPPPLLYY
SSIINNGGLLEE CCHHAANNNNEELL OOUUTTPPUUTT
7755 W
WAATTTTSS
ESS75 SERIES


Similar Part No. - ESS75-3.3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ESS VISHAY-ESS Datasheet
160Kb / 2P
Wirewound Resistors, Military/Established Reliability
23-Sep-02
ESS VISHAY-ESS Datasheet
170Kb / 3P
Wirewound Resistors, Military/Established Reliability MIL-PRF-39007 Qualified, Type RWR, R Level
22-Oct-08
ESS-10 VISHAY-ESS-10 Datasheet
160Kb / 2P
Wirewound Resistors, Military/Established Reliability
23-Sep-02
ESS-10 VISHAY-ESS-10 Datasheet
170Kb / 3P
Wirewound Resistors, Military/Established Reliability MIL-PRF-39007 Qualified, Type RWR, R Level
22-Oct-08
logo
Festo Corporation.
ESS-10-BN FESTO-ESS-10-BN Datasheet
76Kb / 1P
Vacuum suction cup
6/10/22
More results

Similar Description - ESS75-3.3

ManufacturerPart #DatasheetDescription
logo
ETA-USA
OCH10S ETA-USA-OCH10S Datasheet
348Kb / 5P
DC/DC SWITCHING POWER SUPPLY SINGLE CHANNEL OUTPUT 10 WATTS
BJA-SA-U ETA-USA-BJA-SA-U Datasheet
576Kb / 2P
AC/DC SWITCHING POWER SUPPLY SINGLE CHANNEL OUTPUT 25 WATTS
ESS15 ETA-USA-ESS15 Datasheet
4Mb / 7P
AC/DC SWITCHING POWER SUPPLY SINGLE CHANNEL OUTPUT 15 WATTS UNIVERSAL INPUT
ESS30 ETA-USA-ESS30 Datasheet
3Mb / 7P
AC/DC SWITCHING POWER SUPPLY SINGLE CHANNEL OUTPUT 30 WATTS UNIVERSAL INPUT
LRM-SX ETA-USA-LRM-SX Datasheet
422Kb / 5P
AC/DC SWITCHING POWER SUPPLY SINGLE CHANNEL OUTPUT 15 WATTS UNIVERSAL INPUT
OCH20S ETA-USA-OCH20S Datasheet
487Kb / 6P
DC/DC SWITCHING POWER SUPPLY SINGLE CHANNEL OUTPUT 20 WATTS
OCH30S ETA-USA-OCH30S Datasheet
541Kb / 6P
DC/DC SWITCHING POWER SUPPLY SINGLE CHANNEL OUTPUT 30 WATTS
OCH40S ETA-USA-OCH40S Datasheet
548Kb / 6P
DC/DC SWITCHING POWER SUPPLY SINGLE CHANNEL OUTPUT 40 WATTS
ESS100 ETA-USA-ESS100 Datasheet
5Mb / 8P
AC/DC SWITCHING POWER SUPPLY SINGLE CHANNEL OUTPUT 100 WATTS UNIVERSAL INPUT
ESS150 ETA-USA-ESS150 Datasheet
3Mb / 6P
AC/DC SWITCHING POWER SUPPLY SINGLE CHANNEL OUTPUT 150 WATTS UNIVERSAL INPUT
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com