Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSK5231H Datasheet(PDF) 2 Page - M.S. Kennedy Corporation

Part # MSK5231H
Description  POSITIVE ADJUSTABLE, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK5231H Datasheet(HTML) 2 Page - M.S. Kennedy Corporation

  MSK5231H Datasheet HTML 1Page - M.S. Kennedy Corporation MSK5231H Datasheet HTML 2Page - M.S. Kennedy Corporation MSK5231H Datasheet HTML 3Page - M.S. Kennedy Corporation MSK5231H Datasheet HTML 4Page - M.S. Kennedy Corporation MSK5231H Datasheet HTML 5Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Input to Output Voltage Differential
Output Current
Power Dissipation
35V
4A
Internally Limited
Storage Temperature Range
-65°C to +150°C
Lead Temperature
300°C
(10 Seconds Soldering)
Operating Temperature
MSK 5231
-40°C to+85°C
MSK 5231H/E
-55°to+125°C
VIN
IOUT
PD
TST
TLD
TJ
ABSOLUTE MAXIMUM RATINGS
2
Rev. - 7/02
Thermal Regulation
Temperature Stability
Thermal Resistance
1
1
2,3
1
2,3
1
2,3
1
2,3
1
2,3
1
2,3
4
1
2,3
1
2,3
1
-
-
Parameter
ELECTRICAL SPECIFICATIONS
1.238
1.220
1.220
-
-
-
-
-
-
3.2
3.2
0.2
0.2
60
-
-
-
-
-
-
-
1.250
1.250
1.250
1.3
1.3
0.02
0.05
0.1
0.2
4.0
4.0
0.5
0.5
75
55
55
5
5
0.004
0.5
0.8
1.262
1.270
1.270
1.5
1.5
0.2
0.5
0.8
1.0
2
-
-
-
-
120
120
10
10
0.02
-
1.5
V
V
V
V
V
%
%
%
%
A
A
A
A
dB
µA
µA
mA
mA
%/W
%
°C/W
1.230
1.215
-
-
-
-
-
-
-
3.2
-
0.2
-
60
-
-
-
-
-
-
-
1.250
1.250
-
1.3
-
0.02
-
0.1
-
4.0
-
0.5
-
75
55
-
5
-
0.004
0.5
0.8
1.270
1.275
-
1.5
-
0.4
-
1.0
-
-
-
-
-
-
120
-
10
-
0.02
-
1.7
Group A
Subgroup
MSK 5231H/E
Min.
Typ.
Max.
MSK 5231
Min.
Typ.
Max.
Units
Test Conditions 1 4
1
2
3
4
5
6
7
NOTES:
Output decoupled to ground using 20µF minimum capacitor unless otherwise specified.
This parameter is guaranteed by design but need not be tested.
Typical parameters are representative of actual device performance but are for reference only.
All output parameters are tested using a low duty cycle pulse to maintain TJ = TC.
Industrial grade and "E" suffix devices shall be tested to subgroup 1 unless otherwise specified.
Military grade devices ('H' suffix) shall be 100% tested to subgroups 1,2,3.
Subgroup 1,4
TA=TC=+25°C
2,5
TA=TC=+125°C
3,6
TA=TC=-55°C
(VIN-VOUT)=3V IOUT=10mA
1.5V ≤ (VIN-VOUT) ≤ 15V IOUT=10mA
15V ≤ (VIN-VOUT) ≤ 35V IOUT=10mA
F=120Hz CADJ=25µF
COUT=25µF IOUT=2.0A
VIN-VOUT=3.0V
30mS pulse TA=25°C
-55°C ≤ TJ ≤ +125°C
Junction to Case @ 125°C
VIN-VOUT=3V 10mA ≤ IOUT ≤ 2.0A
VIN-VOUT=5.0V
VIN-VOUT=25V
Current Limit
2
2
2
2
2
2
2
Load Regulation
1.5V ≤ (VIN-VOUT) ≤ 25V 10mA ≤ IOUT ≤ 2.0A
IOUT=2.0A ∆VREF=1%
1.5V ≤ (VIN-VOUT) ≤ 25V 10mA ≤ IOUT ≤ 2.0A
(VIN-VOUT)=24V
Line Regulation
Reference Voltage
Dropout Voltage
Ripple Rejection
Adjust Pin Current
Minimum Load Current



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com