Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1300612 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 1300612
Description  Distribution block - PTVFIX 2,5-L/N/GNYE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1300612 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  1300612 Datasheet HTML 1Page - PHOENIX CONTACT 1300612 Datasheet HTML 2Page - PHOENIX CONTACT 1300612 Datasheet HTML 3Page - PHOENIX CONTACT 1300612 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Technical Data
Product properties
Product type
Distributor terminal block
Connection data
Nominal cross section
2.5 mm²
Dimensions
Width
15.68 mm
Height
21.7 mm
Length
28.6 mm
Material specifications
Color
gray
Mechanical properties
Mechanical data
Open side panel
No
Distribution block - PTVFIX 2,5-L/N/GNYE
1300612
https://www.phoenixcontact.com/us/products/1300612
May 13, 2022, 7:25 AM
Page 3 (4)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com