Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSK0041B Datasheet(PDF) 2 Page - M.S. Kennedy Corporation

Part # MSK0041B
Description  HIGH POWER OP-AMP
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK0041B Datasheet(HTML) 2 Page - M.S. Kennedy Corporation

  MSK0041B Datasheet HTML 1Page - M.S. Kennedy Corporation MSK0041B Datasheet HTML 2Page - M.S. Kennedy Corporation MSK0041B Datasheet HTML 3Page - M.S. Kennedy Corporation MSK0041B Datasheet HTML 4Page - M.S. Kennedy Corporation MSK0041B Datasheet HTML 5Page - M.S. Kennedy Corporation MSK0041B Datasheet HTML 6Page - M.S. Kennedy Corporation MSK0041B Datasheet HTML 7Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Group A
Subgroup
-
1, 2, 3
1,2,3
1
2, 3
1
2, 3
1
2,3
-
-
4
5,6
1
2,3
-
4
5,6
4
-
4
4
5,6
4
4
STATIC
Supply Voltage Range
Quiescent Current
Power Consumption
INPUT
Input Capacitance
Input Resistance
Input Noise Voltage
OUTPUT
Settling Time
TRANSFER CHARACTERISTICS
Slew Rate
Transition Times
Overshoot
Max.
±18
±4.0
120
±6.0
-
±500
-
±200
-
-
-
-
-
-
-
-
-
-
300
-
-
-
-
1.5
30
Typ.
±15
±1.0
90
±0.5
-
±150
-
±2.0
-
3
1.0
90
-
95
-
5
±14
-
220
4
3.0
105
-
0.3
5
Min.
±5
-
-
-
-
-
-
-
-
-
0.3
70
-
80
-
-
±13
-
180
-
1.0
100
-
-
-
Max.
±18
±3.5
105
±3.0
±5.0
±300
±1.0
±100
±300
-
-
-
-
-
-
-
-
-
300
-
-
-
-
1.0
20
Typ.
±15
±1.0
75
±0.5
±2.0
±100
±0.4
±2.0
-
3
1.0
90
90
95
-
5
±14
±14
220
4
3.0
105
96
0.3
5
Min.
±5
-
-
-
-
-
-
-
-
-
0.3
70
70
80
80
-
±13
±13
182
-
1.5
100
88
-
-
VIN = 0V
VCM = 0V
Either Input
F=DC
F=DC
F = 10HZ to 10KHZ
RSC = 3.3Ω VOUT = MAX
0.1% 2V step
VOUT = ±10V RL = 100Ω
VOUT=1V Rise and Fall
Small Signal
±VCC Supply Voltage
±18V
IOUT
Peak Output Current
0.5A
VIN
Differential Input Voltage
±30V
VIN
Common Mode Input Voltage
±15V
RTH
Thermal Resistance-Junction to Case
MSK 0041
85° C/W
MSK 0041FP
85° C/W
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL SPECIFICATIONS
TST
Storage Temperature Range
-65° to +150°C
TLD
Lead Temperature Range
300°C
(10 Seconds)
TJ
Junction Temperature
150°C
TC
Case Operating Temperature Range
Military Versions (H/B/E)
-55°C to +125°C
Industrial Versions
-40°C to +85°C
Units
V
mA
mW
mV
µV/°C
nA
µA
nA
nA
pF
MΩ
dB
dB
dB
dB
µVRMS
V
V
mA
µS
V/µS
dB
dB
µS
%
2
Rev. - 4/02
Military
Industrial
2
Input Bias Current
Output Voltage Swing
RL =100Ω F =100HZ
Parameter
Test Conditions
4
Input Offset Current
Input Offset Voltage
Power Supply Rejection Ratio
VCM = 0V
F = 10HZ VCM = ±10V
Output Short Circuit Current
Common Mode Rejection Ratio
VCC = ±5V to ±15V
Open Loop Voltage Gain
NOTES:
1
Unless otherwise specified, ±VCC = ±15V, CC = 3000pF.
2
Guaranteed by design but not tested.
Typical parameters are representative of actual device performance but are for reference only.
4
Industrial grade and "E" suffix devices shall be tested to subgroups 1 and 4 unless otherwise specified.
5
Military grade devices (B/H suffix) shall be 100% tested to subgroups 1, 2, 3 and 4.
Subgroup 1, 4
TA = TC = +25°C
Subgroup 2, 5
TA = TC = +125°C
Subgroup 3, 6
TA = TC =
-55°C
6
Reference DSCC SMD 5962-8508701 for electrical specifications for devices purchased as such.
7
Subgroup 5 and 6 testing available upon request.
3
2
3
5
2
VIN = 0V
3
F = 10HZ RL = 1KΩ
VIN = 0V
3



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com