Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GV2MP02 Datasheet(PDF) 1 Page - Schneider Electric

Part # GV2MP02
Description  TeSys GV2 - Flush mounting enclosure for TeSys GV2ME - IP55
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

GV2MP02 Datasheet(HTML) 1 Page - Schneider Electric

  GV2MP02 Datasheet HTML 1Page - Schneider Electric GV2MP02 Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product data sheet
Specifications
TeSys GV2 - Flush mounting
enclosure for TeSys GV2ME - IP55
GV2MP02
Product availability : Stock - Normally stocked in distribution
facility
Price* : 54.00 USD
Main
Range
TeSys
Product or Component Type
Enclosure
Device short name
GV2MP
Accessory / separate part
category
Mounting accessory
Product Compatibility
GV2ME
Enclosure type
Flush mounting
Complementary
Auxiliary mounting location
Right
Left
Height
5.51 in (140 mm)
Width
4.19 in (106.5 mm)
Depth
3.27 in (83 mm)
Net Weight
0.29 lb(US) (0.13 kg)
Environment
IP degree of protection
IP55 front face
Environmental characteristic
Standard environment
Product Certifications
UKCA
Ordering and shipping details
Category
22367-MANUAL STR PROTECTOR - GV2
Discount Schedule
I11
GTIN
3389110213621
Nbr. of units in pkg.
1
Package weight(Lbs)
8.29 oz (235.0 g)
Returnability
Yes
Country of origin
CZ
*  Price is “List Price” and may be subject to a trade discount – check with your local distributor or retailer for actual price.
May 13, 2022
1


Similar Part No. - GV2MP02

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GV2MP02 ETC2-GV2MP02 Datasheet
198Kb / 2P
Manual Motor Starters, Controllers, and Protectors
logo
Schneider Electric
GV2MP02 SCHNEIDER-GV2MP02 Datasheet
3Mb / 64P
Manual Motor Starters, Controllers, and Protectors Type GV2, GV3, and GV7
10/02
More results

Similar Description - GV2MP02

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
GV2APN01 SCHNEIDER-GV2APN01 Datasheet
113Kb / 3P
Extended rotary handle kit, TeSys GV2, IP54
Oct 13, 2020
GV2ME01 SCHNEIDER-GV2ME01 Datasheet
94Kb / 2P
Motor circuit breaker, TeSys GV2, 3P, 0.1-0.16A
Oct 13, 2020
VCFN40GE SCHNEIDER-VCFN40GE Datasheet
118Kb / 2P
TeSys Vario enclosed, emergency stop switch disconnector, 32A, IP55
Jul 12, 2021
GV1G10 SCHNEIDER-GV1G10 Datasheet
116Kb / 2P
TeSys GV2 - Protective end covers - for unused busbar outlets
May 13, 2022
GV2MC01 SCHNEIDER-GV2MC01 Datasheet
115Kb / 2P
TeSys GV2, surface mount enclosure, for TeSys GV2ME, IP41 rated
May 13, 2022
GV2MC02 SCHNEIDER-GV2MC02 Datasheet
118Kb / 2P
TeSys GV2, surface mount enclosure, for TeSys GV2ME, IP55 rated
May 12, 2022
GV2MC03 SCHNEIDER-GV2MC03 Datasheet
138Kb / 2P
TeSys GV2 - Enclosure for TeSys GV2ME - IP55 for temperature <5째C
May 13, 2022
GV2MP01 SCHNEIDER-GV2MP01 Datasheet
127Kb / 2P
TeSys GV2 - Flush mounting enclosure for TeSys GV2ME - IP41
May 13, 2022
GV2MP03 SCHNEIDER-GV2MP03 Datasheet
128Kb / 2P
TeSys GV2 motor starter, reduced flush mounting enclosure, for TeSys GV2ME, NEMA 1 and IP41
May 13, 2022
GV2MP04 SCHNEIDER-GV2MP04 Datasheet
134Kb / 2P
TeSys GV2 - Reduced flush mounting enclosure for TeSys GV2ME - IP55
May 13, 2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com