Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIC401A/B Datasheet(PDF) 12 Page - Vishay Siliconix

Part # SIC401A/B
Description  microBUCK® PRODUCT FAMILY
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIC401A/B Datasheet(HTML) 12 Page - Vishay Siliconix

Back Button SIC401A/B Datasheet HTML 4Page - Vishay Siliconix SIC401A/B Datasheet HTML 5Page - Vishay Siliconix SIC401A/B Datasheet HTML 6Page - Vishay Siliconix SIC401A/B Datasheet HTML 7Page - Vishay Siliconix SIC401A/B Datasheet HTML 8Page - Vishay Siliconix SIC401A/B Datasheet HTML 9Page - Vishay Siliconix SIC401A/B Datasheet HTML 10Page - Vishay Siliconix SIC401A/B Datasheet HTML 11Page - Vishay Siliconix SIC401A/B Datasheet HTML 12Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
microBUCK® PRODUCT FAMILY
THE AMERICAS
UNITED STATES
VISHAY AMERICAS
ONE GREENWICH PLACE
SHELTON, CT 06484
UNITED STATES
PH: +1-402-563-6866
FAX: +1-402-563-6296
ASIA
SINGAPORE
VISHAY INTERTECHNOLOGY ASIA PTE LTD.
37A TAMPINES STREET 92 #07-00
SINGAPORE 528886
PH: +65-6788-6668
FAX: +65-6788-0988
P.R. CHINA
VISHAY CHINA CO., LTD.
15D, SUN TONG INFOPORT PLAZA
55 HUAI HAI WEST ROAD
SHANGHAI 200030
P.R. CHINA
PH: +86-21-5258 5000
FAX: +86-21-5258 7979
JAPAN
VISHAY JAPAN CO., LTD.
SHIBUYA PRESTIGE BLDG. 4F
3-12-22, SHIBUYA
SHIBUYA-KU
TOKYO 150-0002
JAPAN
PH: +81-3-5466-7150
FAX: +81-3-5466-7160
EUROPE
GERMANY
VISHAY ELECTRONIC GMBH
DR.-FELIX-ZANDMAN-PLATZ 1
95100 SELB
GERMANY
PH: +49-9287-71-0
FAX: +49-9287-70435
FRANCE
VISHAY S.A.
199, BD DE LA MADELEINE
06003 NICE, CEDEX 1
FRANCE
PH: +33-4-9337-2727
FAX: +33-4-9337-2726
UNITED KINGDOM
VISHAY LTD.
SUITE 6C, TOWER HOUSE
ST. CATHERINE’S COURT
SUNDERLAND ENTERPRISE PARK
SUNDERLAND SR5 3XJ
UNITED KINGDOM
PH: +44-191-516-8584
FAX: +44-191-549-9556
WORLDWIDE SALES CONTACTS
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO
SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
VMN-PL0427-1210
12/12
PRODUCT OVERVIEW
POWER ICS
ON
AND TEC
1 9 6 2 - 2 0 1 2
VI SH AY I N TE R TE C H N O L OGY, I NC .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com