Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYT4BFCCJS Datasheet(PDF) 98 Page - Infineon Technologies AG

Part # CYT4BFCCJS
Description  TRAVEO??T2G 32-bit Automotive MCU
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CYT4BFCCJS Datasheet(HTML) 98 Page - Infineon Technologies AG

Back Button CYT4BFCCJS Datasheet HTML 94Page - Infineon Technologies AG CYT4BFCCJS Datasheet HTML 95Page - Infineon Technologies AG CYT4BFCCJS Datasheet HTML 96Page - Infineon Technologies AG CYT4BFCCJS Datasheet HTML 97Page - Infineon Technologies AG CYT4BFCCJS Datasheet HTML 98Page - Infineon Technologies AG CYT4BFCCJS Datasheet HTML 99Page - Infineon Technologies AG CYT4BFCCJS Datasheet HTML 100Page - Infineon Technologies AG CYT4BFCCJS Datasheet HTML 101Page - Infineon Technologies AG CYT4BFCCJS Datasheet HTML 102Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 217 page
background image
Datasheet
98 of 217
002-21617 Rev. *J
2022-02-18
TRAVEO™ T2G 32-bit Automotive MCU
Based on Arm® Cortex®-M7 dual
Peripheral protection unit fixed structure pairs
308
PERI_MS_PPU_FX_DMAC_CH5_CH
0x402A1500
0x00000100
M-DMA0 Channel #5
309
PERI_MS_PPU_FX_DMAC_CH6_CH
0x402A1600
0x00000100
M-DMA0 Channel #6
310
PERI_MS_PPU_FX_DMAC_CH7_CH
0x402A1700
0x00000100
M-DMA0 Channel #7
311
PERI_MS_PPU_FX_EFUSE_CTL
0x402C0000
0x00000200
EFUSE control
312
PERI_MS_PPU_FX_EFUSE_DATA
0x402C0800
0x00000200
EFUSE data
313
PERI_MS_PPU_FX_BIST
0x402F0000
0x00001000
Built-in self test
314
PERI_MS_PPU_FX_HSIOM_PRT0_PRT
0x40300000
0x00000008
HSIOm Port #0
315
PERI_MS_PPU_FX_HSIOM_PRT1_PRT
0x40300010
0x00000008
HSIOm Port #1
316
PERI_MS_PPU_FX_HSIOM_PRT2_PRT
0x40300020
0x00000008
HSIOm Port #2
317
PERI_MS_PPU_FX_HSIOM_PRT3_PRT
0x40300030
0x00000008
HSIOm Port #3
318
PERI_MS_PPU_FX_HSIOM_PRT4_PRT
0x40300040
0x00000008
HSIOm Port #4
319
PERI_MS_PPU_FX_HSIOM_PRT5_PRT
0x40300050
0x00000008
HSIOm Port #5
320
PERI_MS_PPU_FX_HSIOM_PRT6_PRT
0x40300060
0x00000008
HSIOm Port #6
321
PERI_MS_PPU_FX_HSIOM_PRT7_PRT
0x40300070
0x00000008
HSIOm Port #7
322
PERI_MS_PPU_FX_HSIOM_PRT8_PRT
0x40300080
0x00000008
HSIOm Port #8
323
PERI_MS_PPU_FX_HSIOM_PRT9_PRT
0x40300090
0x00000008
HSIOm Port #9
324
PERI_MS_PPU_FX_HSIOM_PRT10_PRT
0x403000A0
0x00000008
HSIOm Port #10
325
PERI_MS_PPU_FX_HSIOM_PRT11_PRT
0x403000B0
0x00000008
HSIOm Port #11
326
PERI_MS_PPU_FX_HSIOM_PRT12_PRT
0x403000C0
0x00000008
HSIOm Port #12
327
PERI_MS_PPU_FX_HSIOM_PRT13_PRT
0x403000D0
0x00000008
HSIOm Port #13
328
PERI_MS_PPU_FX_HSIOM_PRT14_PRT
0x403000E0
0x00000008
HSIOm Port #14
329
PERI_MS_PPU_FX_HSIOM_PRT15_PRT
0x403000F0
0x00000008
HSIOm Port #15
330
PERI_MS_PPU_FX_HSIOM_PRT16_PRT
0x40300100
0x00000008
HSIOm Port #16
331
PERI_MS_PPU_FX_HSIOM_PRT17_PRT
0x40300110
0x00000008
HSIOm Port #17
332
PERI_MS_PPU_FX_HSIOM_PRT18_PRT
0x40300120
0x00000008
HSIOm Port #18
333
PERI_MS_PPU_FX_HSIOM_PRT19_PRT
0x40300130
0x00000008
HSIOm Port #19
334
PERI_MS_PPU_FX_HSIOM_PRT20_PRT
0x40300140
0x00000008
HSIOm Port #20
335
PERI_MS_PPU_FX_HSIOM_PRT21_PRT
0x40300150
0x00000008
HSIOm Port #21
336
PERI_MS_PPU_FX_HSIOM_PRT22_PRT
0x40300160
0x00000008
HSIOm Port #22
337
PERI_MS_PPU_FX_HSIOM_PRT23_PRT
0x40300170
0x00000008
HSIOm Port #23
338
PERI_MS_PPU_FX_HSIOM_PRT24_PRT
0x40300180
0x00000008
HSIOm Port #24
339
PERI_MS_PPU_FX_HSIOM_PRT25_PRT
0x40300190
0x00000008
HSIOm Port #25
340
PERI_MS_PPU_FX_HSIOM_PRT26_PRT
0x403001A0
0x00000008
HSIOm Port #26
341
PERI_MS_PPU_FX_HSIOM_PRT27_PRT
0x403001B0
0x00000008
HSIOm Port #27
342
PERI_MS_PPU_FX_HSIOM_PRT28_PRT
0x403001C0
0x00000008
HSIOm Port #28
343
PERI_MS_PPU_FX_HSIOM_PRT29_PRT
0x403001D0
0x00000008
HSIOm Port #29
344
PERI_MS_PPU_FX_HSIOM_PRT30_PRT
0x403001E0
0x00000008
HSIOm Port #30
345
PERI_MS_PPU_FX_HSIOM_PRT31_PRT
0x403001F0
0x00000008
HSIOm Port #31
346
PERI_MS_PPU_FX_HSIOM_PRT32_PRT
0x40300200
0x00000008
HSIOm Port #32
347
PERI_MS_PPU_FX_HSIOM_PRT33_PRT
0x40300210
0x00000008
HSIOm Port #33
348
PERI_MS_PPU_FX_HSIOM_PRT34_PRT
0x40300220
0x00000008
HSIOm Port #34
349
PERI_MS_PPU_FX_HSIOM_AMUX
0x40302000
0x00000010
HSIOm Analog multiplexer
350
PERI_MS_PPU_FX_HSIOM_MON
0x40302200
0x00000010
HSIOm monitor
351
PERI_MS_PPU_FX_HSIOM_ALTJTAG
0x40302240
0x00000004
HSIOm Alternate JTAG
352
PERI_MS_PPU_FX_GPIO_PRT0_PRT
0x40310000
0x00000040
GPIO_ENH Port #0
Table 22-1
PPU fixed structure pairs (continued)
Pair No.
PPU Fixed Structure Pair
Address
Size
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com