Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS40WS Datasheet(PDF) 3 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Part # BAS40WS
Description  SCHOTTKY DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

BAS40WS Datasheet(HTML) 3 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  BAS40WS Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd BAS40WS Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd BAS40WS Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SOD-323 PACKAGE OUTLINE DIMENSIONS
Symbol
A
A1
A2
b
c
D
E
E1
L
L1
θ
Min
1.050
0.000
1.050
0.200
0.080
1.200
1.600
2.500
0.250
0°
Max
1.250
0.100
1.150
0.400
0.150
1.400
1.800
2.800
0.450
8°
Min
0.041
0.000
0.041
0.008
0.003
0.047
0.063
0.098
0.010
0°
Max
0.049
0.004
0.045
0.016
0.006
0.055
0.071
0.110
0.018
8°
Dimensions In Millimeters
Dimensions In Inches
0.019REF
0.475REF
E
A1
A2
A
E1
L
L1



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com