Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8502SCO2V01S Datasheet(PDF) 3 Page - Schneider Electric

Part # 8502SCO2V01S
Description  NEMA Contactor, Type S, nonreversing, Size 1, 27A, 10 HP at 575 VAC, 3 phase, up to 100 kA, 3 pole, 24 VAC coil, open
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

8502SCO2V01S Datasheet(HTML) 3 Page - Schneider Electric

  8502SCO2V01S_V01 Datasheet HTML 1Page - Schneider Electric 8502SCO2V01S_V01 Datasheet HTML 2Page - Schneider Electric 8502SCO2V01S_V01 Datasheet HTML 3Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Product data sheet
Technical Illustration
8502SCO2V01S
Dimensions
ELECTRICA L CLEARANCE / WIRE BENDING S PACE
MINIMUMTO WALL OF BARRIER TO INSURE ADEQUATE
THE MAXIMUM WIRE SIZE IS USED RE F. NEC 430-10
WIRE BENDING S PACE TO LUG SUR FACE WHEN
4.22
[107]
4.34
[110]
in.
[mm]
3.22
[82]
1.61
[41]
1.61
[41]
3.94
[100]
.20
[5]
1.50
[38]
ALL DIMENSIONS ARE APPROXIM ATE.
ALSO SEE TECHNICAL DRAWINGS AND DOCUMENTATION.
May 16, 2022
3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com